Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC1647-2 Arkusz danych(PDF) 4 Page - Linear Technology

Numer części LTC1647-2
Szczegółowy opis  Dual Hot Swap Controllers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC1647-2 Arkusz danych(HTML) 4 Page - Linear Technology

  LTC1647-2_15 Datasheet HTML 1Page - Linear Technology LTC1647-2_15 Datasheet HTML 2Page - Linear Technology LTC1647-2_15 Datasheet HTML 3Page - Linear Technology LTC1647-2_15 Datasheet HTML 4Page - Linear Technology LTC1647-2_15 Datasheet HTML 5Page - Linear Technology LTC1647-2_15 Datasheet HTML 6Page - Linear Technology LTC1647-2_15 Datasheet HTML 7Page - Linear Technology LTC1647-2_15 Datasheet HTML 8Page - Linear Technology LTC1647-2_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC1647-1/
LTC1647-2/LTC1647-3
4
1647fa
TYPICAL PERFORMANCE CHARACTERISTICS
ICC vs VCC
ICC vs Temperature
ICC1 vs VCC2
VCC (V)
2
6
10
14
18
4
8
12
16
1647-1/2/3 G01
6
5
4
3
2
1
0
TA = 25°C
ICC = ICC1 + ICC2
VCC = VCC1 = VCC2 = ON1 = ON2
TEMPERATURE (°C)
–75 –50 –25
0
25
50
75 100 125 150
1647-1/2/3 G02
6
5
4
3
2
1
0
ICC = ICC1 + ICC2
VCC = VCC1 = VCC2 = ON1 = ON2
VCC = 15V
VCC = 12V
VCC = 3V
VCC = 5V
VCC2 (V)
02468
10 12 14 16 18 20
1647-1/2/3 G03
5
4
3
2
1
0
TA = 25°C
VCC1 = 15V
VCC1 = 12V
VCC1 = 3V
VCC1 = 5V
LTC1647-1 Pinout
PIN
DESCRIPTION
PIN
DESCRIPTION
1VCC
5
GATE2
2
ON1
6
GATE1
3
ON2
7
SENSE2
4
GND
8
SENSE1
LTC1647-1 Does Not Have the FAULT Status Feature.
LTC1647-2 Pinout
PIN
DESCRIPTION
1VCC
2
ON1 and FAULT1
(Internally Tied Together)
3
ON1 and FAULT2
(Internally Tied Together)
4
GND
The ONX/FAULTX must be connected to a driver via a resistor if the
autoretry feature is being used.
PIN
DESCRIPTION
5
GATE2
6
GATE1
7
SENSE2
8
SENSE1
LTC1647-3 Pinout
PIN
DESCRIPTION
PIN
DESCRIPTION
1VCC
9NC
2
ON1
10
NC
3
FAULT1
11
NC
4
ON2
12
GATE2
5
FAULT2
13
GATE1
6
NC
14
SENSE2
7
NC
15
SENSE1
8
GND
16
VCC2
PIN TABLES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com