Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HS2M Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części HS2M
Szczegółowy opis  High Efficient Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS2M Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  HS2M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS2M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS2M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS2M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
1.95
2.10
0.077
0.083
B
4.25
4.75
0.167
0.187
C
3.48
3.73
0.137
0.147
D
1.99
2.61
0.078
0.103
E
0.90
1.41
0.035
0.056
F
5.10
5.30
0.201
0.209
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: DS_D1407007
Version: H14
DO-214AA (SMB)
SUGGESTED PAD LAYOUT
Symbol
MARKING DIAGRAM
A2.3
B2.5
D1.8
E
HS2A thru HS2M
Taiwan Semiconductor
4.3
PACKAGE OUTLINE DIMENSIONS
C
Unit (mm)
DIM.
Unit (mm)
Unit (inch)
6.8
Unit (inch)
0.091
0.098
0.169
0.071
0.268
0
25
50
75
100
125
150
175
0.1
1
10
100
1000
REVERSE VOLTAGE (V)
FIG. 4- TYPICAL JUNCTION CAPACITANCE
HS2A-HS2G
HS2J-HS2M
f=1.0MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com