Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HS2M Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części HS2M
Szczegółowy opis  High Efficient Surface Mount Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

HS2M Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  HS2M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd HS2M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd HS2M Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd HS2M Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Low power loss, high efficiency
- Ideal for automated placement
- Glass passivated junction chip.
- Fast switching for high efficiency
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
50
100
200
300
400
600
800
1000
V
VRMS
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF(AV)
A
Trr
ns
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1407007
Version: H14
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
DO-214AA (SMB)
DO-214AA (SMB)
HS2A thru HS2M
Taiwan Semiconductor
High Efficient Surface Mount Rectifiers
FEATURES
- Moisture sensitivity level: level 1, per J-STD-020
Polarity:
Indicated by cathode band
Weight:
0.093 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
HS
2A
HS
2B
HS
2D
HS
2F
HS
2G
HS
2J
HS
2K
HS
2M
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
2
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
50
Maximum reverse current @ rated VR TJ=25
oC
TJ=125
oC
IR
A
Maximum instantaneous forward voltage (Note 1)
IF= 2 A
VF
V
μA
75
Typical junction capacitance (Note 3)
Operating junction temperature range
Storage temperature range
- 55 to +150
- 55 to +150
Typical thermal resistance
80
50
30
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied VR=4.0 Volts
Note 1: Pulse test with PW=300μs, 1% duty cycle
1.0
1.3
1.7
5
150
Maximum reverse recovery time (Note 2)
50


Podobny numer części - HS2M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
HS2M TSC-HS2M Datasheet
54Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
HS2M TSC-HS2M Datasheet
267Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
logo
GOOD-ARK Electronics
HS2M GOOD-ARK-HS2M Datasheet
179Kb / 2P
High Efficient Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 1.5 Amperes
logo
Taiwan Semiconductor Co...
HS2M TSC-HS2M Datasheet
564Kb / 2P
2.0 AMPS. High Efficient Surface Mount Rectifiers
logo
Yangzhou yangjie electr...
HS2M YANGJIE-HS2M Datasheet
145Kb / 2P
High Efficient Rectifier
More results

Podobny opis - HS2M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SEOA EIC-SEOA Datasheet
48Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
SE2A SEMTECH_ELEC-SE2A Datasheet
177Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
SynSemi, Inc.
SE5A SYNSEMI-SE5A Datasheet
50Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
EIC discrete Semiconduc...
SME1A EIC-SME1A Datasheet
77Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
SETA EIC-SETA_05 Datasheet
55Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
SEOA EIC-SEOA_05 Datasheet
55Kb / 2P
SURFACE MOUNT HIGH EFFICIENT RECTIFIERS
logo
Shenzhen Taychipst Elec...
HS2AA TAYCHIPST-HS2AA Datasheet
5Mb / 2P
High Efficient Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
BYG23M TSC-BYG23M_14 Datasheet
382Kb / 4P
High Efficient Surface Mount Rectifiers
HS2AA TSC-HS2AA_14 Datasheet
376Kb / 4P
High Efficient Surface Mount Rectifiers
US1A TSC-US1A_14 Datasheet
227Kb / 4P
High Efficient Surface Mount Rectifiers
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com