Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA947GG Arkusz danych(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA947GG
Szczegółowy opis  SAW Filter 947.5 MHz 25 MHz Bw For GSM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA947GG Arkusz danych(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA947GG Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
D.OUTLINE DRAWING:
△ : Year Code (2011->1, 2012->2, …, 2019->9)
□ : Date Code (Follow the table from planner each year)
Date Code Table
E. LAND PATTERN:
B : Intput
E : Output
A,C,D,F : Ground
Unit : mm
WK01
WK02
WK03
WK04
WK05
WK06
WK07
WK08
WK09
WK10
WK11
WK12
WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14
WK15
WK16
WK17
WK18
WK19
WK20
WK21
WK22
WK23
WK24
WK25
WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27
WK28
WK29
WK30
WK31
WK32
WK33
WK34
WK35
WK36
WK37
WK38
WK39
ab
c
d
e
f
gh
i
j
k
l
m
WK40
WK41
WK42
WK43
WK44
WK45
WK46
WK47
WK48
WK49
WK50
WK51
WK52
no
pq
r
s
t
u
v
w
x
y
z



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com