Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA947GG Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA947GG
Szczegółowy opis  SAW Filter 947.5 MHz 25 MHz Bw For GSM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA947GG Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA947GG Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA947GG Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
50Ω
Network analyzer
50Ω
SAW Filter
B
E
A、 C、 D、 F
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL : 886-3-4690038
FAX : 886-3-4697532
http:/www.taisaw.com
E-mail : tstsales@mail.taisaw.com
SAW Filter 947.5 MHz 25 MHz Bw For GSM
MODEL NO.: TA947GG
REV. NO.:8
A. MAXIMUM RATING:
1.Input Power Level: +15 dBm
2.DC voltage: -5 ~+5V
3.Operating Temperature: -30
°C ~ +85°C
4.Storage Temperature: -40
°C ~ +85°C
B. ELECTRICAL CHARACTERISTICS:
Value
Characteristics
Min.
Typ.
Max.
Note
Center frequency
FC
MHz
-
947.5
-
-
Insertion loss( 935~960 MHz) I.L.
dB
-
2.7
3.5
-
V.S.W.R( 935~960 MHz)
dB
-
1.6
2.3
-
Ripple( 935~960 MHz)
dB
-
0.6
1.4
-
Attenuation:( Reference level from 0 dB)
1) D.C. ~ 871 MHz
dB
50
62.1
-
-
2) 890 ~ 915 MHz
dB
30
43.9
-
-
3) 980 ~ 1025 MHz
dB
25
28.6
-
-
4) 1025 ~ 2000 MHz
dB
45
54.1
-
-
5) 2000 ~ 3000 MHz
dB
20
26.8
-
-
Impedance at FC ; Input
ZIN =RIN//CIN
50
Ω // 0 PF
1
Output
ZOUT =ROUT//COUT
50
Ω // 0 PF
1
MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering
Electrostatic Sensitive Device (ESD)



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com