Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SF3003PT Arkusz danych(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Numer części SF3003PT
Szczegółowy opis  Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF3003PT Arkusz danych(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  SF3003PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF3003PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF3003PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF3003PT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Min
Max
Min
Max
A
15.90
16.40
0.626
0.646
B
7.90
8.20
0.311
0.323
C
5.70
6.20
0.224
0.244
D
20.80
21.30
0.819
0.839
E
3.50
4.10
0.138
0.161
F
19.70
20.20
0.776
0.795
G
-
4.30
-
0.169
H
2.90
3.40
0.114
0.134
I
1.93
2.18
0.076
0.086
J
2.97
3.22
0.117
0.127
K
1.12
1.22
0.044
0.048
L
5.20
5.70
0.205
0.224
M
4.90
5.16
0.193
0.203
N
2.70
3.00
0.106
0.118
O
0.51
0.76
0.020
0.030
P/N
= Marking Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1401017
Version: G14
MARKING DIAGRAM
SF3001PT thru SF3008PT
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
10
100
1000
0.1
1
10
100
REVERSE VOLTAGE. (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1MHz
Vsig=50mVp-p



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com