Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SF3003PT Arkusz danych(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Numer części SF3003PT
Szczegółowy opis  Glass Passivated Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TSC [Taiwan Semiconductor Company, Ltd]
Strona internetowa  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SF3003PT Arkusz danych(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SF3003PT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SF3003PT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SF3003PT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SF3003PT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Dual rectifier construction, positive center-tap
- Glass passivated chip junctions
- Superfast recovery time, high voltage
- Low forward voltage, high current capability
- Low thermal resistance
- Low power loss, high efficiency
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
150
200
300
400
600
V
VRMS
35
70
105
140
210
280
420
V
VDC
50
100
150
200
300
400
600
V
IF(AV)
A
Trr
ns
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1401017
Version: G14
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
MECHANICAL DATA
Case:
TO-247AD (TO-3P)
Polarity:
As marked
SF3001PT thru SF3008PT
Taiwan Semiconductor
Glass Passivated Super Fast Rectifiers
FEATURES
SF
3001
PT
SF
3002
PT
SF
3003
PT
SF
3004
PT
SF
3005
PT
TO-247AD (TO-3P)
SF
3006
PT
SF
3008
PT
UNIT
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Mounting torque:
10 in-lbs maximum
Weight:
5.6g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
Maximum reverse recovery time (Note 2)
SYMBOL
Maximum DC blocking voltage
Maximum average forward rectified current
30
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
300
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
A
Maximum instantaneous forward voltage (Note 1)
IF= 15 A
VF
1.7
V
Typical thermal resistance
1.0
Operating junction temperature range
175
- 55 to +150
Storage temperature range
- 55 to +150
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Recover to 0.25A.
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Note 1: Pulse Test with PW=300 μs, 1% Duty Cycle
0.95
1.3
10
500
μA
35
Typical junction capacitance (Note 3)


Podobny numer części - SF3003PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
SF3003PT WTE-SF3003PT Datasheet
45Kb / 3P
30A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF3003PT TSC-SF3003PT Datasheet
111Kb / 2P
30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3003PT TSC-SF3003PT Datasheet
355Kb / 2P
30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3003PT TSC-SF3003PT Datasheet
493Kb / 2P
30.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Podobny opis - SF3003PT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Silicon Standard Corp.
MUR805CT SSC-MUR805CT Datasheet
308Kb / 2P
GLASS PASSIVATED SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SF11G SECOS-SF11G_15 Datasheet
152Kb / 2P
Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF11G TSC-SF11G_14 Datasheet
377Kb / 4P
Glass Passivated Super Fast Rectifiers
SF11SG TSC-SF11SG_14 Datasheet
374Kb / 3P
Glass Passivated Super Fast Rectifiers
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
Glass Passivated Super Fast Rectifiers
logo
HY ELECTRONIC CORP.
SF11G HY-SF11G_17 Datasheet
134Kb / 3P
SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
Microdiode Semiconducto...
SF501ET CHENDA-SF501ET Datasheet
1Mb / 4P
SUPER FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com