Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTC4218 Arkusz danych(PDF) 8 Page - Linear Technology

Numer części LTC4218
Szczegółowy opis  Hot Swap Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTC4218 Arkusz danych(HTML) 8 Page - Linear Technology

Back Button LTC4218_15 Datasheet HTML 4Page - Linear Technology LTC4218_15 Datasheet HTML 5Page - Linear Technology LTC4218_15 Datasheet HTML 6Page - Linear Technology LTC4218_15 Datasheet HTML 7Page - Linear Technology LTC4218_15 Datasheet HTML 8Page - Linear Technology LTC4218_15 Datasheet HTML 9Page - Linear Technology LTC4218_15 Datasheet HTML 10Page - Linear Technology LTC4218_15 Datasheet HTML 11Page - Linear Technology LTC4218_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LTC4218
8
4218fg
For more information www.linear.com/LTC4218
Functional DiagraM
4218 BD
20k
VDD
VDD
VDD
*
*
*
*
* DFN ONLY
UV
FB
PG
EXPOSED PAD*
IMON
INTVCC
INTVCC
100µA
TIMER
FLT
+
ISET
GATE
6.15V
SOURCE
GND
X1
CLAMP
0.6V
REFERENCE
CHARGE
PUMP
AND GATE
DRIVER
3.1V
GEN
LOGIC
CS
CM
FOLDBACK
0.6V
2.65V
1.235V
+–
PG
1.235V
+
UV
0.2V
+
TM1
1.235V
+
TM2
0.62V
+
RST
VDD
VDD
2.73V
+
UVLO1
OV
1.235V
+
OV
2µA
UVLO2
SENSE
SENSE+
SOURCE
*
*
150k
20k
140k
20k
224k
20k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com