Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT7280GQW Arkusz danych(PDF) 7 Page - Richtek Technology Corporation

Numer części RT7280GQW
Szczegółowy opis  Evaluation Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7280GQW Arkusz danych(HTML) 7 Page - Richtek Technology Corporation

Back Button RT7280GQW Datasheet HTML 3Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 4Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 5Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 6Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 7Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 8Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 9Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 10Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RT7280GQW
Evaluation Board
UG7280GQW-00
April
2014
www.richtek.com
7
Bill of Materials
Reference
Qty
Part number
Description
Package
Manufacture
U5
1
RT7280GQW
DC/DC Converter
WDFN-10L 3x3
Richtek
C7,C9
2
C3216X5R1H106K160AB
10
μF/±10%/50V/X5R
1206
TDK
Ceramic Capacitor
C11,C12
2
GRM32ER61C226KE20#
22
μF/±10%/16V/X5R
1210
Murata
Ceramic Capacitor
C28
1
0603B392K500
3.9nF/±10%/50V/X7R
0603
WALSIN
Ceramic Capacitor
C8,C10,C27
3
C1608X7R1H104K080AA
0.1
μF/±10%/50V/X7R
0603
TDK
Ceramic Capacitor
C29
1
C1608X5R1E105K080AC
1
μF/±10%/25V/X5R
0603
TDK
Ceramic Capacitor
C30
0
Not Installed
0603
L1
1
NR8040T2R0N
2.0
μH/6.3A/±30%,
DCR=9
mΩ, Inductor
8mmx8mmx4mm
TAIYO YUDEN
L2
0
Not Installed
R28
1
22k/±5%, Resistor
0603
R23
1
8.2k/±5%, Resistor
0603
R29
1
10k/±5%, Resistor
0603
R30
1
100k/±5%, Resistor
0603
CP1
1
0 (Short)
JP1
1
3-Pin Header
TP1/2/3/4/5/6
6
Test Pin
GP
5
Golden Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com