Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RT7280GQW Arkusz danych(PDF) 3 Page - Richtek Technology Corporation

Numer części RT7280GQW
Szczegółowy opis  Evaluation Board
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RICHTEK [Richtek Technology Corporation]
Strona internetowa  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7280GQW Arkusz danych(HTML) 3 Page - Richtek Technology Corporation

  RT7280GQW Datasheet HTML 1Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 2Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 3Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 4Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 5Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 6Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 7Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 8Page - Richtek Technology Corporation RT7280GQW Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
RT7280GQW
Evaluation Board
UG7280GQW-00
April
2014
www.richtek.com
3
Key Performance Summary Table
Key features
Evaluation board number: PCB002_V1
Default Input voltage
12V
Max Output Current
2A
Default Output Voltage
1.05V
Default Marking & Package Type
RT7280GQW (WDFN-10L 3x3)
Operation Frequency
Steady 700kHz at PWM
Other Key Features
Advanced constant On-time(ACOT
TM
) control
Power Good
Adjustable Soft-start (external capacitor)
PSM/ PWM Auto Switched
Protection
Over current protection:
Cycle-by-Cycle Current Limit
Hiccup Mode Output Over- and Under-voltage Shut-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com