Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MDS-189 Arkusz danych(PDF) 2 Page - Tyco Electronics

Numer części MDS-189
Szczegółowy opis  High Level Termination Insensitive Mixer, 1 - 3500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

MDS-189 Arkusz danych(HTML) 2 Page - Tyco Electronics

  MDS-189 Datasheet HTML 1Page - Tyco Electronics MDS-189 Datasheet HTML 2Page - Tyco Electronics MDS-189 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
High Level Termination Insensitive Mixer, 1 - 3500 MHz
MD-/MDS-189
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
2
Isolation - Input +23 dBm
Electrical Specifications
1: T
A = -55°C to +85°C,
Frequency: RF, LO Ports = 1 - 3500 MHz, IF Port = 5 - 1500 MHz
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Conversion Loss
LO @ 23 dBm
IF @ 60 MHz
5 - 1000 MHz
1000 - 3000 MHz
1 - 3500 MHz
dB
dB
dB
6.5
7.5
8.0
7.0
8.5
9.5
Isolation
LO to RF
1 - 2000 MHz
1 - 3500 MHz
dB
dB
30
25
35
30
LO to IF
1 - 2000 MHz
1 - 3500 MHz
dB
dB
25
20
30
25
RF to IF
10 - 500 MHz
1 - 3500 MHz
dB
dB
30
15
35
20
Input Compression
(1 dB)
LO @ 23 dBm
IF @ 60 MHz
dBm
+20
IIP3
LO @ 23 dBm
IF @ 60 MHz
dBm
+28
Desensitivity (1 dB)
LO @ 23 dBm
IF @ 60 MHz
dBm
+17
SSB Noise Figure
LO @ 23 dBm
IF @ 60 MHz
Within 1 dB of conversion loss
0
10
20
30
40
50
60
0
1
3
10
30
100
1000
2000
3000
4000
Frequency (MHz)
L-I
L-R
R-I
Bottom View of SF-1
.506
4X .016 ± .002
.381
.000
.002
.165
.220
.385 Ref



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com