Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MDS-189 Arkusz danych(PDF) 3 Page - Tyco Electronics

Numer części MDS-189
Szczegółowy opis  High Level Termination Insensitive Mixer, 1 - 3500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MACOM [Tyco Electronics]
Strona internetowa  http://www.macom.com
Logo MACOM - Tyco Electronics

MDS-189 Arkusz danych(HTML) 3 Page - Tyco Electronics

  MDS-189 Datasheet HTML 1Page - Tyco Electronics MDS-189 Datasheet HTML 2Page - Tyco Electronics MDS-189 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
High Level Termination Insensitive Mixer, 1 - 3500 MHz
MD-/MDS-189
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 3.00
Typical Performance Curves
3
Conversion Loss - LO @ +23 dBm,
IF @ 60 MHz
Ordering Information
Part Number
Package
MD-189 PIN
FP-2
MDS-189 PIN
SF-1
VSWR
IF Port Response
0.0
0.5
1.0
1.5
2.0
0.3
5.0
50.0
1000.0
3000.0
Frequency (MHz)
4
5
6
7
8
9
10
0
1
3
10
30
100
1000
2000
3000
4000
Frequency (MHz)
3rd Order IM Ratio - LO @ +23 dBm,
45
50
55
60
65
0
1
3
10
30
100
1000
2000
3000
4000
Frequency (MHz)
IF Port Terminated
with 3.0:1 Mismatch
IF Port Matched
1.0
1.5
2.0
2.5
3.0
0
1
3
10
30
100
1000 2000 3000 4000
Frequency (MHz)
LO
IF
RF
Conversion Loss vs. LO Power -
RF @ 2000 MHz 0 dBm, IF @ 60 MHz
4
5
6
7
8
9
10
0
15
17
19
21
23
25
27
LO Power (dBm)



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com