| Zakładka z wyszukiwarką danych komponentów |
|
MAX749C/D Arkusz danych(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX749C/D Arkusz danych(HTML) 4 Page - Maxim Integrated Products |
|
4 / 12 page ![]() Digitally Adjustable LCD Bias Supply 4 ______________________________________________________________________________________ PIN NAME FUNCTION 1 V+ +2V to +6V Input Voltage to power the MAX749 and external circuitry. When using an external P-channel MOSFET, V+ must exceed the MOSFET’s gate threshold voltage. 2 ADJ Logic Input. When CTRL is high, a rising edge on ADJ increments an internal counter. When CTRL is low, the counter is reset to mid-scale when ADJ is high. When ADJ is low, the counter does not change (regardless of activity on CTRL) as long as V+ is applied. 3 CTRL Logic Input. When CTRL and ADJ are low, the MAX749 is shut down, but the counter is not reset. When CTRL is low, the counter is reset to mid-scale when ADJ is high. The device is always on when CTRL is high. 4 FB Feedback Input for output full-scale voltage selection. -VOUT(MAX) = (RFB) x (20µA) where RFB is connected from FB to -VOUT. The device is in regulation when VFB = 0V. 5 GND Ground 6 DLOW Output Driver Low. Connect to DHI when using an external P-channel MOSFET. When using an external PNP transistor, connect a resistor RBASE from DLOW to the base of the PNP to set the maxi- mum base-drive current. 7 DHI Output Driver High. Connect to the gate of the external P-channel transistor, or to the base of the external PNP transistor. 8 CS Current-Sense Input. The external transistor is turned off when current through the sense resistor, RSENSE, brings CS below V+ by 140mV (typ). OUTPUT VOLTAGE LOAD CURRENT 100mVAC/div 10mA/div 0mA LOAD-TRANSIENT RESPONSE VOUT = -15V TRANSISTOR = ZTX750 50 µs/div VOUT = -15V TRANSISTOR = ZTX750 OUTPUT VOLTAGE INPUT VOLTAGE 100mVAC/div 1 V/div 0V LINE-TRANSIENT RESPONSE VOUT = -15V ILOAD = 5mA TRANSISTOR = ZTX750 50ms/div ____________________________Typical Operating Characteristics (continued) (TA = +25°C, L = 47µH, unless otherwise noted.) ______________________________________________________________Pin Description |