| Zakładka z wyszukiwarką danych komponentów |
|
MAX749C/D Arkusz danych(PDF) 6 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX749C/D Arkusz danych(HTML) 6 Page - Maxim Integrated Products |
|
6 / 12 page ![]() Once turned off, a one-shot holds the switch off for a minimum of 1µs, and the switch either stays off (if the output is in regulation), or turns on again (if the output is out of regulation). With light loads, the transistor switches for one or more cycles and then turns off, much like a traditional PFM converter. With heavy loads, the transistor stays on until the switch current reaches the current limit; it then shuts off for 1µs, and immediately turns on again until the next time the switch current reaches its limit. This cycle repeats until the output is in regulation. Output Voltage Control The output voltage is set using a single external resistor and the internal current-output DAC (Figure 1). The full- scale output voltage is set by selecting the feedback resistor, RFB. The output voltage is controlled from 33% to 100% of the full-scale output by an internal 64-step DAC/counter. On power-up or after a reset, the counter sets the DAC output to mid-range. Each rising edge of ADJ incre- ments the DAC output. When incremented beyond full scale, the counter rolls over and sets the DAC to the minimum value. In this way, a single pulse applied to ADJ increases the DAC set point by one step, and 63 pulses decrease the set point by one step. Table 1 is the logic table for the CTRL and ADJ inputs, which control the internal DAC and counter. Figures 3-7 show various timing specifications and different ways of incrementing and resetting the DAC, and of placing it in the low-power standby mode. As long as the timing specifications for ADJ and CTRL are observed, any sequence of operations can be implemented. Table 1. Input Truth Table Digitally Adjustable LCD Bias Supply 6 ______________________________________________________________________________________ L1 47 µH DLOW 6-BIT CURRENT-OUTPUT DAC REF MAXIMUM ON-TIME ONE-SHOT MAX749 VOUT (NEGATIVE) 22 µF 0.1 µF V+ DHI FB GND RSENSE Q1 ZTX750 D1 1N5819 RBASE 470 Ω 22 µF 30V CCOMP RFB TRIG MINIMUM OFF-TIME ONE-SHOT TRIG Q Q Q S R FLIP-FLOP VOLTAGE COMPARATOR 140mV +2V TO +6V INPUT CURRENT COMPARATOR Figure 2. Switch-Mode Power-Supply Section Block Diagram ADJ CTRL RESULT Low Low Shut down High Low Reset counter to mid-range. The device is not shut down. X High On High Increment the counter |