Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EV9900A Arkusz danych(PDF) 5 Page - CML Microcircuits

Numer części EV9900A
Szczegółowy opis  Test Access for Important Signals
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CMLMICRO [CML Microcircuits]
Strona internetowa  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9900A Arkusz danych(HTML) 5 Page - CML Microcircuits

  EV9900A Datasheet HTML 1Page - CML Microcircuits EV9900A Datasheet HTML 2Page - CML Microcircuits EV9900A Datasheet HTML 3Page - CML Microcircuits EV9900A Datasheet HTML 4Page - CML Microcircuits EV9900A Datasheet HTML 5Page - CML Microcircuits EV9900A Datasheet HTML 6Page - CML Microcircuits EV9900A Datasheet HTML 7Page - CML Microcircuits EV9900A Datasheet HTML 8Page - CML Microcircuits EV9900A Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Evaluation Kit for CMX990
EV9900A
© 2007 CML Microsystems Plc
5
UM9900A/3
3.
Quick Start
This section provides instructions for users who wish to experiment immediately with the
evaluation kit. A more complete description of the kit and its use appears later in this document.
The EV9900A includes a CMX990 device that is described in its own, separate, datasheet.
Accordingly, the user should read the CMX990 datasheet before using the EV9900A.
3.1
Setting-Up
The following procedure is recommended:
1. Connect test leads as required, including the host µController to parallel interface J13.
2. The power amplifier output should be connected to a suitable 50
Ω load.
THE USE OF AN EXTERNAL 50Ω LOAD IS ESSENTIAL TO PREVENT POSSIBLE
DAMAGE TO THE PA STAGE.
3. Power should be applied to the main supply (7.2V nominal).
4. The CMX990 device should be reset by issuing a RESET task to the host µController parallel
interface (using the TASK bits (b3 - b0) of the Command register [address $01]).
5. Power should be applied to the power amplifier supply connector (3.5V).
The board is now ready for operation. An example of typical connections to the EV9900A is
shown in Figure 2.
CMX
990
30dB RF
Attenuator
RF Spectrum
Analyzer
RF Signal
Generator
+7.2V
Power Amplifier +3.5V
Ground
J18
J9
J8
J1
J10
J6
J7
J11
J2
J4
J5
J12
J13
Figure 2 – Typical Connections for EV9900A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com