Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

EV9900A Arkusz danych(PDF) 21 Page - CML Microcircuits

Numer części EV9900A
Szczegółowy opis  Test Access for Important Signals
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CMLMICRO [CML Microcircuits]
Strona internetowa  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9900A Arkusz danych(HTML) 21 Page - CML Microcircuits

Back Button EV9900A Datasheet HTML 17Page - CML Microcircuits EV9900A Datasheet HTML 18Page - CML Microcircuits EV9900A Datasheet HTML 19Page - CML Microcircuits EV9900A Datasheet HTML 20Page - CML Microcircuits EV9900A Datasheet HTML 21Page - CML Microcircuits EV9900A Datasheet HTML 22Page - CML Microcircuits EV9900A Datasheet HTML 23Page - CML Microcircuits EV9900A Datasheet HTML 24Page - CML Microcircuits EV9900A Datasheet HTML 25Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Evaluation Kit for CMX990
EV9900A
© 2007 CML Microsystems Plc
21
UM9900A/3
Adjacent Channel Rejection (ACR)
ACR performance is limited by local oscillator phase-noise.
Typically, 72dB ACR can be demonstrated for 25kHz channels with GMSK, Bt = 0.5 and 9.6kbit/s
using the on-board VCO. Enhanced performance can be achieved using an external, low noise,
main LO.
Intermodulation
Typically greater than >65dB tested as EN 300 113.
Spurious Response Rejection
A front-end SAW filter is not provided on the default configuration EV9900A so spurious response
rejection is not guaranteed. However the option to fit a filter to reject such responses (type
selected by user) is available. The resulting performance will depend upon the operating band
used and the particular rejection characteristics of the chosen filter.
Blocking or Desensitisation
Blocking performance is approx. 86dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com