Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4908 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części LM4908
Szczegółowy opis  10kV ESD Rated, Dual 120 mW Headphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM4908 Arkusz danych(HTML) 1 Page - Texas Instruments

  LM4908_15 Datasheet HTML 1Page - Texas Instruments LM4908_15 Datasheet HTML 2Page - Texas Instruments LM4908_15 Datasheet HTML 3Page - Texas Instruments LM4908_15 Datasheet HTML 4Page - Texas Instruments LM4908_15 Datasheet HTML 5Page - Texas Instruments LM4908_15 Datasheet HTML 6Page - Texas Instruments LM4908_15 Datasheet HTML 7Page - Texas Instruments LM4908_15 Datasheet HTML 8Page - Texas Instruments LM4908_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM4908, LM4908LQBD
www.ti.com
SNAS218C – NOVEMBER 2003 – REVISED MAY 2013
LM4908
10kV ESD Rated, Dual 120 mW Headphone
Amplifier
Check for Samples: LM4908, LM4908LQBD
1
FEATURES
DESCRIPTION
The LM4908 is a dual audio power amplifier capable
2
Up to 10kV ESD Protection on All Pins
of delivering 120mW per channel of continuous
VSSOP, SOIC, and WSON Surface Mount
average power into a 16
Ω load with 0.1% (THD+N)
Packaging
from a 5V power supply.
Switch On/Off Click Suppression
Boomer
audio
power
amplifiers
were
designed
Excellent Power Supply Ripple Rejection
specifically to provide high quality output power with a
minimal
amount
of
external
components
using
Unity-Gain Stable
surface mount packaging. Since the LM4908 does
Minimum External Components
not require bootstrap capacitors or snubber networks,
it is optimally suited for low-power portable systems.
APPLICATIONS
The unity-gain stable LM4908 can be configured by
Headphone Amplifier
external gain-setting resistors.
Personal Computers
Portable Electronic Devices
KEY SPECIFICATIONS
THD+N at 1kHz at 120mW Continuous
Average Output Power into 16
Ω: 0.1 % (typ)
THD+N at 1kHz at 75mW Continuous Average
Output Power into 32
Ω: 0.1 % (typ)
Output Power at 0.1% THD+N at 1kHz into
32
Ω 75 mW (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2003–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - LM4908_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4908LQ NSC-LM4908LQ Datasheet
935Kb / 21P
10kV ESD Rated, Dual 120 mW Headphone Amplifier
LM4908MA NSC-LM4908MA Datasheet
935Kb / 21P
10kV ESD Rated, Dual 120 mW Headphone Amplifier
LM4908MM NSC-LM4908MM Datasheet
935Kb / 21P
10kV ESD Rated, Dual 120 mW Headphone Amplifier
More results

Podobny opis - LM4908_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM4808 NSC-LM4808 Datasheet
674Kb / 13P
Dual 105 mW Headphone Amplifier
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
Dual 200 mW Headphone Amplifier with Shutdown Mode
LM4908 NSC-LM4908 Datasheet
935Kb / 21P
10kV ESD Rated, Dual 120 mW Headphone Amplifier
logo
List of Unclassifed Man...
HWD2108 ETC1-HWD2108 Datasheet
944Kb / 18P
Dual 105 mW Headphone Amplifier
logo
Texas Instruments
TPA6133A2 TI1-TPA6133A2 Datasheet
1Mb / 18P
138-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER
TPA6133A2 TI1-TPA6133A2_14 Datasheet
1Mb / 19P
138-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
Dual 200 mW Headphone Amplifier with Shutdown Mode
TPA6133A2 TI-TPA6133A2_15 Datasheet
1Mb / 26P
TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_15 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
TPA6133A2 TI1-TPA6133A2_17 Datasheet
1Mb / 26P
138-mW DirectPath Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com