Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM4908 Arkusz danych(PDF) 10 Page - Texas Instruments

Numer części LM4908
Szczegółowy opis  10kV ESD Rated, Dual 120 mW Headphone Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

LM4908 Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM4908_15 Datasheet HTML 6Page - Texas Instruments LM4908_15 Datasheet HTML 7Page - Texas Instruments LM4908_15 Datasheet HTML 8Page - Texas Instruments LM4908_15 Datasheet HTML 9Page - Texas Instruments LM4908_15 Datasheet HTML 10Page - Texas Instruments LM4908_15 Datasheet HTML 11Page - Texas Instruments LM4908_15 Datasheet HTML 12Page - Texas Instruments LM4908_15 Datasheet HTML 13Page - Texas Instruments LM4908_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
20
100
1k
10k
FREQUENCY (Hz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
50
500
2k
5k
20k
2
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
0
20
40
60
80
100
120
140
10% THD + N
1% THD + N
0.1% THD + N
0
1
2
3
4
5
6
SUPPLY VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
8:, Top
8:, Bottom
32:, Top
32:, Bottom
LM4908, LM4908LQBD
SNAS218C – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Output Power vs Supply Voltage
RL = 32Ω, f = 1kHz
Clipping Voltage vs Supply Voltage
Figure 28.
Figure 29.
Power Dissipation vs Output Power
Power Dissipation vs Output Power
Figure 30.
Figure 31.
Crosstalk vs Frequency
Power Dissipation vs Output Power
VDD = 5V, RL = 8Ω
Figure 32.
Figure 33.
10
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4908 LM4908LQBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com