| Zakładka z wyszukiwarką danych komponentów |
|
TAS2553 Arkusz danych(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS2553 Arkusz danych(HTML) 22 Page - Texas Instruments |
|
22 / 58 page ![]() LD(n) LD (n+1) WORD CLOCK BIT CLOCK DATA - 1 4 3 2 5 1 0 - 1 4 3 2 5 1 0 N N N - 1 5 RD(n) LEFT CHANNEL RIGHT CHANNEL LD(n) = n'th sample of left channel data RD(n) = n'th sample of right channel data LD(n) LD(n+1) WORD CLOCK BIT CLOCK DATA - 1 - 2 - 3 2 1 0 3 - 1 - 2 - 3 2 1 0 3 - 1 - 2 N N N N N N N N N - 3 3 RD (n) LEFT CHANNEL RIGHT CHANNEL LD(n)=n'thsampleofleftchanneldata RD(n)=n'thsampleofrightchanneldata LD(n) LD(n+1) WORD CLOCK BIT CLOCK DATA 3 N - 1 N - 2 N - 3 2 1 0 3 N - 1 N - 2 N - 3 2 1 0 3 N - 1 N - 2 N - 3 RD(n) LEFT CHANNEL RIGHT CHANNEL LD(n)=n'thsampleofleftchanneldata RD(n)=n'thsampleofrightchanneldata TAS2553 SLAS978B – SEPTEMBER 2013 – REVISED FEBRUARY 2014 www.ti.com Device Functional Modes (continued) Figure 33. Timing Diagram for Left-Justified Mode with Offset=0 and Inverted Bit Clock For left-justified mode, the number of bit-clocks per frame should be greater than twice the programmed word- length of the data. Also, the programmed offset value should be less than the number of bit-clocks per frame by at least the programmed word-length of the data. 7.4.1.3 I2S Mode Set Register 0x03, D(7:6) = 01 and Register 0x05, D(3:2) = 00 to place the TAS2553 audio interface into I2S mode. In I2S mode, the MSB of the left channel is valid on the second rising edge of the bit clock after the falling edge of the word clock. Similarly the MSB of the right channel is valid on the second rising edge of the bit clock after the rising edge of the word clock. Figure 34. Timing Diagram for I2S Mode Figure 35. Timing Diagram for I2S Mode with Offset=2 22 Submit Documentation Feedback Copyright © 2013–2014, Texas Instruments Incorporated Product Folder Links: TAS2553 |