| Zakładka z wyszukiwarką danych komponentów |
|
PIC16C54-LPE/P Arkusz danych(PDF) 153 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C54-LPE/P Arkusz danych(HTML) 153 Page - Microchip Technology |
|
153 / 217 page ![]() © 1998 Microchip Technology Inc. Preliminary DS30453B-page 153 PIC16CR58A PIC16C5X 17.7 Timing Diagrams and Specifications FIGURE 17-2: EXTERNAL CLOCK TIMING - PIC16CR58A TABLE 17-2: EXTERNAL CLOCK TIMING REQUIREMENTS - PIC16CR58A AC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature 0 °C ≤ TA ≤ +70°C (commercial) –40 °C ≤ TA ≤ +85°C (industrial) –40 °C ≤ TA ≤ +125°C (extended) Operating Voltage VDD range is described in Section 17.1, Section 17.2 and Section 17.3. Parameter No. Sym Characteristic Min Typ (1) Max Units Conditions FOSC External CLKIN Frequency (2) DC — 4.0 MHz XT osc mode DC — 4.0 MHz HS osc mode (04) DC — 10 MHz HS osc mode (10) DC — 20 MHz HS osc mode (20) DC — 200 kHz LP osc mode Oscillator Frequency (2) DC — 4.0 MHz RC osc mode 0.1 — 4.0 MHz XT osc mode 4.0 — 4.0 MHz HS osc mode (04) 4.0 — 10 MHz HS osc mode (10) 4.0 — 20 MHz HS osc mode (20) 5.0 — 200 kHz LP osc mode * These parameters are characterized but not tested. Note 1: Data in the Typical (“Typ”) column is at 5.0V, 25 °C unless otherwise stated. These parameters are for design guidance only and are not tested. 2: All specified values are based on characterization data for that particular oscillator type under standard operating conditions with the device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current consumption. When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices. 3: Instruction cycle period (TCY) equals four times the input oscillator time base period. OSC1 CLKOUT Q4 Q1 Q2 Q3 Q4 Q1 13 3 44 2 |