| Zakładka z wyszukiwarką danych komponentów |
|
PIC16C54-LPE/P Arkusz danych(PDF) 154 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C54-LPE/P Arkusz danych(HTML) 154 Page - Microchip Technology |
|
154 / 217 page ![]() PIC16C5X PIC16CR58A DS30453B-page 154 Preliminary © 1998 Microchip Technology Inc. 1TOSC External CLKIN Period (2) 250 — — ns XT osc mode 250 — — ns HS osc mode (04) 100 — — ns HS osc mode (10) 50 — — ns HS osc mode (20) 5.0 — — µs LP osc mode Oscillator Period (2) 250 — — ns RC osc mode 250 — 10,000 ns XT osc mode 250 — 250 ns HS osc mode (04) 100 — 250 ns HS osc mode (10) 50 — 250 ns HS osc mode (20) 5.0 — 200 µs LP osc mode 2TCY Instruction Cycle Time (3) — 4/FOSC —— 3 TosL, TosH Clock in (OSC1) Low or High Time 85* — — ns XT oscillator 20* — — ns HS oscillator 2.0* — — µs LP oscillator 4 TosR, TosF Clock in (OSC1) Rise or Fall Time — — 25* ns XT oscillator — — 25* ns HS oscillator — — 50* ns LP oscillator TABLE 17-2: EXTERNAL CLOCK TIMING REQUIREMENTS - PIC16CR58A (CON’T) AC Characteristics Standard Operating Conditions (unless otherwise specified) Operating Temperature 0 °C ≤ TA ≤ +70°C (commercial) –40 °C ≤ TA ≤ +85°C (industrial) –40 °C ≤ TA ≤ +125°C (extended) Operating Voltage VDD range is described in Section 17.1, Section 17.2 and Section 17.3. Parameter No. Sym Characteristic Min Typ (1) Max Units Conditions * These parameters are characterized but not tested. Note 1: Data in the Typical (“Typ”) column is at 5.0V, 25 °C unless otherwise stated. These parameters are for design guidance only and are not tested. 2: All specified values are based on characterization data for that particular oscillator type under standard operating conditions with the device executing code. Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current consumption. When an external clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices. 3: Instruction cycle period (TCY) equals four times the input oscillator time base period. |