| Zakładka z wyszukiwarką danych komponentów |
|
PIC16C54T-LPE/SS Arkusz danych(PDF) 46 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C54T-LPE/SS Arkusz danych(HTML) 46 Page - Microchip Technology |
|
46 / 217 page ![]() PIC16C5X DS30453B-page 46 Preliminary © 1998 Microchip Technology Inc. BSF Bit Set f Syntax: [ label ] BSF f,b Operands: 0 ≤ f ≤ 31 0 ≤ b ≤ 7 Operation: 1 → (f<b>) Status Affected: None Encoding: 0101 bbbf ffff Description: Bit 'b' in register 'f' is set. Words: 1 Cycles: 1 Example: BSF FLAG_REG, 7 Before Instruction FLAG_REG = 0x0A After Instruction FLAG_REG = 0x8A BTFSC Bit Test f, Skip if Clear Syntax: [ label ] BTFSC f,b Operands: 0 ≤ f ≤ 31 0 ≤ b ≤ 7 Operation: skip if (f<b>) = 0 Status Affected: None Encoding: 0110 bbbf ffff Description: If bit 'b' in register 'f' is 0 then the next instruction is skipped. If bit 'b' is 0 then the next instruction fetched during the current instruction execution is discarded, and an NOP is executed instead, making this a 2 cycle instruction. Words: 1 Cycles: 1(2) Example: HERE FALSE TRUE BTFSC GOTO • • • FLAG,1 PROCESS_CODE Before Instruction PC = address (HERE) After Instruction if FLAG<1> = 0, PC = address (TRUE); if FLAG<1> = 1, PC = address(FALSE) BTFSS Bit Test f, Skip if Set Syntax: [ label ] BTFSS f,b Operands: 0 ≤ f ≤ 31 0 ≤ b < 7 Operation: skip if (f<b>) = 1 Status Affected: None Encoding: 0111 bbbf ffff Description: If bit 'b' in register 'f' is '1' then the next instruction is skipped. If bit 'b' is '1', then the next instruction fetched during the current instruction execution, is discarded and an NOP is executed instead, making this a 2 cycle instruction. Words: 1 Cycles: 1(2) Example: HERE BTFSS FLAG,1 FALSE GOTO PROCESS_CODE TRUE • • • Before Instruction PC = address (HERE) After Instruction If FLAG<1> = 0, PC = address (FALSE); if FLAG<1> = 1, PC = address (TRUE) |