Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PIC16C54T-LPE/SS Arkusz danych(PDF) 15 Page - Microchip Technology

Numer części PIC16C54T-LPE/SS
Szczegółowy opis  EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
PDF  217 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C54T-LPE/SS Arkusz danych(HTML) 15 Page - Microchip Technology

Back Button PIC16C54T-LPE/SS Datasheet HTML 11Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 12Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 13Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 14Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 15Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 16Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 17Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 18Page - Microchip Technology PIC16C54T-LPE/SS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 217 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30453B-page 15
PIC16C5X
4.0
MEMORY ORGANIZATION
PIC16C5X memory is organized into program memory
and data memory. For devices with more than 512
bytes of program memory, a paging scheme is used.
Program memory pages are accessed using one or
two STATUS register bits. For devices with a data
memory register file of more than 32 registers, a
banking scheme is used. Data memory banks are
accessed using the File Selection Register (FSR).
4.1
Program Memory Organization
The PIC16C52 has a 9-bit Program Counter (PC)
capable of addressing a 384 x 12 program memory
space (Figure 4-1). The PIC16C54s, PIC16CR54s and
PIC16C55s have a 9-bit Program Counter (PC)
capable of addressing a 512 x 12 program memory
space (Figure 4-2). The PIC16C56s and PIC16CR56s
have a 10-bit Program Counter (PC) capable of
addressing a 1K x 12 program memor y space
(Figure 4-3). The PIC16CR57s, PIC16C58s and
PIC16CR58s have an 11-bit Program Counter capable
of addressing a 2K x 12 program memory space
(Figure 4-4). Accessing a location above the physically
implemented address will cause a wraparound.
The reset vector for the PIC16C52 is at 17Fh. A NOP
at the reset vector location will cause a restart at
location 000h. The reset vector for the PIC16C54s,
PIC16CR54s and PIC16C55s is at 1FFh. The reset
vector for the PIC16C56s and PIC16CR56s is at
3FFh. The reset v ector f or the PIC16C57s ,
PIC16CR57s, PIC16C58s, and PIC16CR58s is at
7FFh.
FIGURE 4-1:
PIC16C52 PROGRAM
MEMORY MAP AND STACK
PC<8:0>
Stack Level 1
Stack Level 2
9
000h
Reset Vector
On-chip Program
Memory
17Fh
CALL, RETLW
FIGURE 4-2:
PIC16C54s/CR54s/C55s
PROGRAM MEMORY MAP
AND STACK
FIGURE 4-3:
PIC16C56s/CR56s
PROGRAM MEMORY MAP
AND STACK
PC<8:0>
Stack Level 1
Stack Level 2
CALL, RETLW
9
000h
1FFh
Reset Vector
0FFh
100h
On-chip
Program
Memory
PC<9:0>
Stack Level 1
Stack Level 2
10
000h
1FFh
Reset Vector
0FFh
100h
On-chip Program
Memory (Page 0)
On-chip Program
Memory (Page 1)
200h
2FFh
300h
3FFh
CALL, RETLW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More