| Zakładka z wyszukiwarką danych komponentów |
|
TC7117CPL Arkusz danych(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7117CPL Arkusz danych(HTML) 10 Page - Microchip Technology |
|
10 / 22 page ![]() TC7116/A/TC7117/A DS21457B-page 10 © 2002 Microchip Technology Inc. FIGURE 3-5: TC7116/TC7116A DIGITAL SECTION 3.2.1 SYSTEM TIMING Theclockingmethodusedfor theTC7116/TC7116A and TC7117/TC7117A is shown in Figure 3-6. Three clocking methods may be used: 1. An external oscillator connected to Pin 40. 2. A crystal between Pins 39 and 40. 3. An RC network using all three pins. The oscillator frequency is ÷4 before it clocks the decade counters. It is then further divided to form the three convert cycle phases: Signal Integrate (1000 counts), Reference De-integrate (0 to 2000 counts), and Auto-Zero (1000 to 3000 counts). For signals less than full scale, auto-zero gets the unused portion of ref- erence de-integrate. This makes a complete measure cycle of 4000 (16,000 clock pulses), independent of input voltage. For 3 readings per second, an oscillator frequency of 48kHz would be used. To achieve maximum rejection of 60Hz pickup, the sig- nal integrate cycle should be a multiple of 60Hz. Oscil- lator frequencies of 240kHz, 120kHz, 80kHz, 60kHz, 48kHz, 40kHz, etc. should be selected. For 50Hz rejec- tion, oscillator frequencies of 200kHz, 100kHz, 66-2/3kHz, 50kHz, 40kHz, etc. would be suitable. Note that 40kHz (2.5 readings per second) will reject both 50Hz and 60Hz. 3.2.2 HOLD READING INPUT When HLDR is at a logic HIGH, the latch will not be updated. Analog-to-digital conversions will continue, but will not be updated until HLDR is returned to LOW. To continuously update the display, connect to TEST (TC7116/TC7116A) or GROUND (TC7117/TC7117A), or disconnect. This input is CMOS compatible with 70k Ω typical resistance to TEST (TC7116/TC7116A) or GROUND (TC7117/TC7117A). TC7116 TC7116A LCD Phase Driver Thousands Hundreds Tens Units 4 Backplane 21 39 37 OSC2 Internal Digital Ground V+ V- TEST 6.2V 500 Ω 26 35 To Switch Drivers From Comparator Output Clock VTH = 1V 7-Segment Decode 7-Segment Decode 7-Segment Decode 200 40 38 Typical Segment Output Internal Digital Ground Segment Output V+ 0.5mA 2mA Latch OSC3 OSC1 ÷ ÷ HLDR ~70k Ω Logic Control 1 |