| Zakładka z wyszukiwarką danych komponentów |
|
TC7126CPL Arkusz danych(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7126CPL Arkusz danych(HTML) 12 Page - Microchip Technology |
|
12 / 22 page ![]() TC7126/A DS21458B-page 12 © 2002 Microchip Technology Inc. 6.5 Oscillator Components COSC should be 50pF; ROSC is selected from the equation: EQUATION 6-2: For a 48kHz clock (3 conversions per second), R = 180k Ω. Note that FOSC is 44 to generate the TC7126A's inter- nal clock. The backplane drive signal is derived by dividing FOSC by 800. To achieve maximum rejection of 60Hz noise pickup, the signal integrate period should be a multiple of 60Hz. Oscillator frequencies of 24kHz, 12kHz, 80kHz, 60kHz, 40kHz, etc. should be selected. For 50Hz rejec- tion, oscillator frequencies of 20kHz, 100kHz, 66-2/3kHz, 50kHz, 40kHz, etc. would be suitable. Note that 40kHz (2.5 readings per second) will reject both 50Hz and 60Hz. 6.6 Reference Voltage Selection A full scale reading (2000 counts) requires the input signal be twice the reference voltage. Note: VFS =2VREF. In some applications, a scale factor other than unity may exist between a transducer output voltage and the required digital reading. Assume, for example, a pres- sure transducer output for 2000lb/in2 is 400mV. Rather than dividing the input voltage by two, the reference voltage should be set to 200mV. This permits the trans- ducer input to be used directly. Thedifferential reference canalsobeusedwherea digital zero reading is required when VIN is not equal to zero. This is common in temperature measuring instru- mentation. A compensating offset voltage can be applied between analog common and VIN-. The trans- ducer output is connected between VIN+ and analog common. 7.0 DEVICE PIN FUNCTIONAL DESCRIPTION (Pin Numbers Refer to the 40-Pin PDIP.) 7.1 Differential Signal Inputs VIN+(Pin31), VIN-(Pin 30) The TC7126A is designed with true differential inputs and accepts input signals within the input stage Common mode voltage range (VCM). Typical range is V+ – 1V to V- + 1V. Common mode voltages are removed from the system when the TC7126A operates from a battery or floating power source (isolated from measured system), and VIN- is connected to analog common (VCOM) (seeFigure7-2). In systems where Common mode voltages exist, the TC7126A's 86 dB Common mode rejection ratio mini- mizes error. Common mode voltages do, however, affect the integrator output level. A worst case condition exists if a large positive VCM exists in conjunction with a full scale negative differential signal. The negative signal drives the integrator output positive along with VCM (see Figure 7-1). For such applications, the inte- grator output swing can be reduced below the recom- mended 2V full scale swing. The integrator output will swing within 0.3V of V+ or V- without increased linearity error. FIGURE 7-1: COMMON MODE VOLTAGE REDUCES AVAILABLE INTEGRATOR SWING (VCOM ≠ VIN) Required Full Scale Voltage* VREF 20mV 100mV 2V 1V FOSC = 0.45 RC RI + – VIN CI Integrator VI = [ [ VCM – VIN Input Buffer CI = Integration capacitor RI = Integration resistor 4000 FOSC tI = Integration time = Where: VI – + – + tI RI CI VCM |