| Zakładka z wyszukiwarką danych komponentów |
|
TC7126CPL Arkusz danych(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC7126CPL Arkusz danych(HTML) 14 Page - Microchip Technology |
|
14 / 22 page ![]() TC7126/A DS21458B-page 14 © 2002 Microchip Technology Inc. 7.5 TC7126A Internal Voltage Reference The TC7126A's analog common voltage temperature stability has been significantly improved (Figure 7-3). The "A" version of the industry standard TC7126 device allows users to upgrade old systems and design new systems, without external voltage references. External R and C values do not need to be changed. Figure 7-4 shows analog common supplying the necessary voltage reference for the TC7126A. FIGURE 7-3: ANALOG COMMON TEMP. COEFFICIENT FIGURE 7-4: TC7126A INTERNAL VOLTAGE REFERENCE CONNECTION 8.0 TYPICAL APPLICATIONS 8.1 Liquid Crystal Display Sources Several manufacturers supply standard LCDs to inter- face with the TC7126A, 3-1/2 digit analog-to-digital converter. Note: Contact LCD manufacturer for full product listing/ specifications. 8.2 Decimal Point and Annunciator Drive The TEST pin is connected to the internally generated digital logic supply ground through a 500 Ω resistor. The TEST pin may be used as the negative supply for exter- nal CMOS gate segment drivers. LCD annunciators for decimal points, low battery indication, or function indi- cation may be added, without adding an additional sup- ply. No more than 1mA should be supplied by the TEST pin; its potential is approximately 5V below V+ (see Figure 8-1). FIGURE 8-1: DECIMAL POINT AND ANNUNCIATOR DRIVES Typical Maximum Typical Typical 200 180 160 140 120 100 80 60 40 20 0 TC7126A ICL7136 No Maximum Specified No Maximum Specified ICL7126 V- ANALOG COMMON TC7126A VREF+ 32 35 36 26 240k Ω 10k Ω VREF- VREF 1 + 9V SET VREF = 1/2 VREF V+ Manufacturer Address/Phone Representative Part Numbers* Crystaloid Electronics 5282 Hudson Dr. Hudson, OH 44236 216-655-2429 C5335, H5535, T5135, SX440 AND 720 Palomar Ave. Sunnyvale, CA 94086 408-523-8200 FE 0801 FE 0203 VGI, Inc. 1800 Vernon St., Ste. 2 Roseville, CA 95678 916-783-7878 LD-B709BZ LD-H7992AZ Hamlin, Inc. 612 E. Lake St. Lake Mills, WI 53551 414-648-2361 3902, 3933, 3903 TC7126A V+ V+ TEST GND 4030 BP TC7126A BP TEST 37 21 V+ V+ GND To LCD Decimal Point To LCD Decimal Point To LCD Decimal Point To Backplane 4049 Multiple Decimal Point or Annunciator Driver Simple Inverter for Fixed Decimal Point or Display Annunciator |