Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6133A2 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TPA6133A2
Szczegółowy opis  TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6133A2 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TPA6133A2_15 Datasheet HTML 2Page - Texas Instruments TPA6133A2_15 Datasheet HTML 3Page - Texas Instruments TPA6133A2_15 Datasheet HTML 4Page - Texas Instruments TPA6133A2_15 Datasheet HTML 5Page - Texas Instruments TPA6133A2_15 Datasheet HTML 6Page - Texas Instruments TPA6133A2_15 Datasheet HTML 7Page - Texas Instruments TPA6133A2_15 Datasheet HTML 8Page - Texas Instruments TPA6133A2_15 Datasheet HTML 9Page - Texas Instruments TPA6133A2_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
Output Power (W)
VDD = 2.5V
VDD = 3.0V
VDD = 3.6V
VDD = 5.0V
C006
V
DD = 2.5V
f = 1kHz
R
L = 16Ÿ
Stereo
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
Output Power (W)
VDD = 2.5V
VDD = 3.0V
VDD = 3.6V
VDD = 5.0V
C006
V
DD = 2.5V
f = 1kHz
R
L = 32Ÿ
Stereo
0.001
0.01
0.1
1
10
0.01
0.1
1
Output Power (W)
Out of Phase
In Phase
C007
V
DD = 3.6V
f = 1kHz
R
L = 16Ÿ
Stereo
0.001
0.01
0.1
1
10
0.01
0.1
1
Output Power (W)
Out of Phase
In Phase
C007
V
DD = 3.6V
f = 1kHz
R
L = 32Ÿ
Stereo
TPA6133A2
SLOS821B – JUNE 2013 – REVISED SEPTEMBER 2014
www.ti.com
7.7 Typical Characteristics
Table 1. Table of Graphs
Figure
Total harmonic distortion + noise
versus Output power
Figure 1–Figure 4
Total harmonic distortion + noise
versus Frequency
Figure 5–Figure 12
Supply voltage rejection ratio
versus Frequency
Figure 13-Figure 14
Common mode rejection ratio
versus Frequency
Figure 15-Figure 16
Crosstalk
versus Frequency
Figure 17-Figure 18
C(PUMP, DECOUPLE, ,BYPASS, CPVSS) = 1 μF, CI = 2.2 µF.
All THD + N graphs taken with outputs out of phase (unless otherwise noted).
Figure 1. Total Harmonic Distortion + Noise vs Output
Figure 2. Total Harmonic Distortion + Noise vs Output
Power
Power
Figure 3. Total Harmonic Distortion + Noise vs Output
Figure 4. Total Harmonic Distortion + Noise vs Output
Power
Power
6
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: TPA6133A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com