Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6133A2 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części TPA6133A2
Szczegółowy opis  TPA6133A2 138-mW DirectPath??Stereo Headphone Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6133A2 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA6133A2_15 Datasheet HTML 5Page - Texas Instruments TPA6133A2_15 Datasheet HTML 6Page - Texas Instruments TPA6133A2_15 Datasheet HTML 7Page - Texas Instruments TPA6133A2_15 Datasheet HTML 8Page - Texas Instruments TPA6133A2_15 Datasheet HTML 9Page - Texas Instruments TPA6133A2_15 Datasheet HTML 10Page - Texas Instruments TPA6133A2_15 Datasheet HTML 11Page - Texas Instruments TPA6133A2_15 Datasheet HTML 12Page - Texas Instruments TPA6133A2_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
-80
-70
-60
-50
-40
-30
-20
-10
0
20
200
2k
20k
Frequency (Hz)
VDD = 2.5V
VDD = 3.6V
VDD = 5.0V
C010
V
o = 1Vrms
R
L = 16Ÿ
C
i = 1µF
Stereo
-80
-70
-60
-50
-40
-30
-20
-10
0
20
200
2k
20k
Frequency (Hz)
VDD = 2.5V
VDD = 3.6V
VDD = 5.0V
C010
V
o = 1Vrms
R
L = 32Ÿ
C
i = 1µF
Stereo
TPA6133A2
www.ti.com
SLOS821B – JUNE 2013 – REVISED SEPTEMBER 2014
All THD + N graphs taken with outputs out of phase (unless otherwise noted).
Figure 17. Crosstalk vs Frequency
Figure 18. Crosstalk vs Frequency
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPA6133A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com