Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

T280N Arkusz danych(PDF) 1 Page - Infineon Technologies AG

Numer części T280N
Szczegółowy opis  Hermeticaly sealed ceramic package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

T280N Arkusz danych(HTML) 1 Page - Infineon Technologies AG

  T280N Datasheet HTML 1Page - Infineon Technologies AG T280N Datasheet HTML 2Page - Infineon Technologies AG T280N Datasheet HTML 3Page - Infineon Technologies AG T280N Datasheet HTML 4Page - Infineon Technologies AG T280N Datasheet HTML 5Page - Infineon Technologies AG T280N Datasheet HTML 6Page - Infineon Technologies AG T280N Datasheet HTML 7Page - Infineon Technologies AG T280N Datasheet HTML 8Page - Infineon Technologies AG T280N Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Netz-Thyristor
Phase Control Thyristor
Technische Information /
technical information
T280N
Date of Publication: 2014-06-18
Revision: 2.3
Seite/page: 1/11
Key Parameters
VDRM / VRRM
6500 V
ITAVM
280 A (TC=85°C)
3570A (TC=55°C)
ITSM
5800 A
VT0
1,35 V
rT
2,8
mΩ
RthJC
40 K/kW
Clamping Force
5
…9 kN
Max. Diameter
58,5 mm
Contact Diameter
34 mm
Height
27 mm
For type designation please refer to actual shortform
catalog
http://www.ifbip.com/catalog
Merkmale
Features
Volle Sperrfähigkeit 50/60Hz über einen weiten
Temperaturbereich
Full blocking 50/60Hz over a wide range temperature
range
Hermetisch dichtes Keramikgehäuse
Hermeticaly sealed ceramic package
Hohe Stoßstrombelastbarkeit
High surge current capability
Hohe Einschaltfähigkeit di/dt
High di/dt turn on capability
Typische Anwendungen
Typical Applications
Mittelspannungssanftanlasser
Medium Voltage Softstarter
Gleichrichter für Antriebsapplikationen
Rectifier for Drives Applications
Mittelspannungsumrichter
Medium voltage converters
content of customer DMX code
DMX code
DMX code
digit
digit quantity
serial number
1..7
7
SP material number
8..16
9
datecode (production day)
17..18
2
datecode (production year)
19..20
2
datecode (production month)
21..22
2
vT class (optional)
23..26
4
QR class (optional)
27..30
4
www.ifbip.com
support@infineon-bip.com
1
2
4 5


Podobny numer części - T280N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
T2800 MOTOROLA-T2800 Datasheet
69Kb / 4P
TRIACs 8 AMPERES RMS 200 thru 600 VOLTS
logo
List of Unclassifed Man...
T2800 ETC1-T2800 Datasheet
256Kb / 4P
HIGH VOLTAGE, 8 - A SILICON TRIACS
logo
Digitron Semiconductors
T2800 DIGITRON-T2800 Datasheet
145Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
logo
New Jersey Semi-Conduct...
T2800 NJSEMI-T2800 Datasheet
637Kb / 2P
Triacs Bidirectional Triode Thyristors
logo
Digitron Semiconductors
T2800B DIGITRON-T2800B Datasheet
145Kb / 2P
BIDIRECTIONAL TRIODE THYRISTORS
More results

Podobny opis - T280N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EUROQUARTZ limited
CX3SMAT EUROQUARTZ-CX3SMAT Datasheet
124Kb / 1P
Hermetically sealed ceramic package
CX6SMAT EUROQUARTZ-CX6SMAT Datasheet
117Kb / 1P
Hermetically sealed ceramic package
logo
International Rectifier
RDHA701CD10A2NX IRF-RDHA701CD10A2NX_15 Datasheet
127Kb / 5P
Hermetically Sealed Ceramic Package
RDHA710FR10A1NX IRF-RDHA710FR10A1NX_15 Datasheet
119Kb / 5P
Hermetically Sealed Ceramic Package
logo
Infineon Technologies A...
T570N INFINEON-T570N_14 Datasheet
351Kb / 11P
Hermeticaly sealed ceramic package
logo
MMD Components
MLH3 MMD-MLH3 Datasheet
104Kb / 2P
Hermetically Sealed Ceramic SMD Package
MVIH2 MMD-MVIH2 Datasheet
112Kb / 2P
Hermetically Sealed Ceramic SMD Package
MVIH5 MMD-MVIH5 Datasheet
112Kb / 2P
Hermetically Sealed Ceramic SMD Package
logo
TXC Corporation.
A2-SERIES TXC-A2-SERIES Datasheet
687Kb / 1P
Reliable glass sealed ceramic package.
AB-SERIES TXC-AB-SERIES Datasheet
985Kb / 1P
Reliable seam sealed ceramic package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com