| Zakładka z wyszukiwarką danych komponentów |
|
LC79451KB Arkusz danych(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LC79451KB Arkusz danych(HTML) 5 Page - ON Semiconductor |
|
5 / 38 page ![]() LC79451KB No.A2223-5/38 4-2. Pin Equivalent Circuit Symbol Internal Equivalent Circuit Connection when not in use RESET CS SCL IFSEL ID1 ID2 SPIDRW The CMOS schmidt trigger input buffer VSS SDA The CMOS schmidt trigger input-output buffer with Nch open-drain output VSS TEST The CMOS schmidt trigger input buffer with pull-down Open /VSS DAOUT BUSY The CMOS output buffer Open SEG0 to 127 The CMOS output and Nch open-drain output buffer Open VDD VSS PAD CMOS Pull-down To an internal circuit CMOS VDD VSS PAD Output enable From an internal circuit VDD VSS PAD CMOS To an internal circuit From an internal circuit VDD VSS PAD CMOS To an internal circuit CMOS VOUT2 VOUT3 PAD From an internal circuit VSS From an internal circuit From an internal circuit |