Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC898201 Arkusz danych(PDF) 13 Page - ON Semiconductor

Numer części LC898201
Szczegółowy opis  Iris/Zoom/Focus/ Day-Night switching Drive Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898201 Arkusz danych(HTML) 13 Page - ON Semiconductor

Back Button LC898201 Datasheet HTML 8Page - ON Semiconductor LC898201 Datasheet HTML 9Page - ON Semiconductor LC898201 Datasheet HTML 10Page - ON Semiconductor LC898201 Datasheet HTML 11Page - ON Semiconductor LC898201 Datasheet HTML 12Page - ON Semiconductor LC898201 Datasheet HTML 13Page - ON Semiconductor LC898201 Datasheet HTML 14Page - ON Semiconductor LC898201 Datasheet HTML 15Page - ON Semiconductor LC898201 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LC898201
No.A2319-13/16
Electrical Characteristics
1. Logic, Analog
Logic, Analog power : DVDD/DVSS, OPDAVDD/OPDAVSS, ADVDD/ADVSS, these should be connected at the
same voltage. They are shown DVDD/DVSS as follows.
1) Absolute Maximum Ratings
at DVSS=0V
Parameter
Symbol
Conditions
Ratings
Unit
Supply Voltage
DVDD max
Ta ≤ 25
C
0.3 to 4.6
V
Input/Ouput Voltage
Vin,Vout
Ta ≤ 25
C
0.3 to DVDD+0.3
V
Storage Temperature
Tstg
55 to 125
C
Operating Temperature
Topr
20 to 85
C
2) Allowable Operating Range
at Ta=
20 to 85C, DVSS=0V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Applicable pins
Power Supply Voltage
DVDD
2.7
3.3
3.6
V
Input Voltage Range
VIN
0
-
DVDD
V
Except for OPINM1,
OPINM3
Input Voltage Range
VIN
0
-
VM
V
OPINM1, OPINM3
3) D.C Characteristics : Input/Ouput level
at Ta=
20 to 85C, DVSS=0V, DVDD=2.7 to 3.6V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Applicable
pins
High-level input voltage
VIH
CMOS
0.7DVDD
V
(2)(3)
Low-level input voltage
VIL
0.2DVDD
V
High-level input voltage
VIH
CMOS
Schmidt
0.75DVDD
V
(1)
Low-level input voltage
VIL
0.15DVDD
V
High-level output voltage
VOH
IOH=
4mA
DVDD
0.4
V
(2)(3)(4)
Low-level output voltage
VOL
IOL= 4mA
0.4
V
(2)(3)
Low-level output voltage
VOL
IOL= 30mA
0.4
V
(4)
PullDown resistance
Rdn
40
80
200
KΩ
(3)
Analog input voltage
VAI
DVSS
DVDD
V
(5)
Analog input voltage
VAI
PGND
VM
V
(6)
VGA output resistance
Rout
1
KΩ
(7)
Analog output current
IAO
CMSDAC
=001b &
WH_DAV4
=00h
1
mA
(8)
* Applicable pins
(1) ZRESET, SSB, SCLK, MOSI
(2) MISO, BUSY, MON, CLKO1, CLKO2
(3) VSYNC1, VSYNC2
(4) PIS1, PIS2
(5) OPINP6, OPINM6, OPINP7A, OPINM7A, OPINP7B, OPINM7B, ADPIIN1, ADPIIN2
(6) OPINM1, OPINM3
(7) ADIN1, ADIN6, ADIN7A, ADIN7B
(8) BIASO6
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond the Recommended
Operating Ranges limits may affect device reliability.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com