| Zakładka z wyszukiwarką danych komponentów |
|
TL431BCLP Arkusz danych(PDF) 3 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
TL431BCLP Arkusz danych(HTML) 3 Page - Microsemi Corporation |
|
3 / 12 page ![]() P RECISION P ROGRAMMABLE R EFERENCES TL431/TL431A/TL431B PRODUCT DA T ABOOK 1996/1997 3 Copyright © 1999 Rev. 1.3 9/99 P RODUCTION D ATA S HEET ELECTRICAL CHARACTERISTICS (Note 3) (Unless otherwise specified, these specifications apply over the operating ambient temperatures for TL431C/TL431AC/TL431BC with 0°C ≤ T A ≤ 70°C, TL431I/TL431AI/TL431BI with -40°C ≤ T A ≤ 85°C.) Parameter Symbol Test Conditions TL431/431A/431B Units Min. Typ. Max. 2440 2495 2550 mV 2470 2495 2520 mV 2490 2500 2510 mV 417 mV 530 mV 417 mV 530 mV 415 mV 520 mV -1.4 -2.7 mV/V -1.1 -2 mV/V 24 µA 1.5 1.9 µA 2.3 µA 0.4 1 mA 0.1 1 µA 0.1 1 µA 2µA 0.18 0.5 µA 0.2 0.5 Ω 0.1 0.2 Ω Note 3. These parameters are guaranteed by design. Note 4. Ratio of change in reference input voltage to the change in cathode voltage. ∆V REF ∆V KA Reference Input Voltage TL431 V REF I K = 10mA, VKA = VREF, TA = 25°C TL431A I K = 10mA, VKA = VREF, TA = 25°C TL431B I K = 10mA, VKA = VREF, TA = 25°C Reference Drift TL431C I K = 10mA, VKA = VREF TL431I I K = 10mA, VKA = VREF TL431AC ∆V REF I K = 10mA, VKA = VREF TL431AI ∆V KA I K = 10mA, VKA = VREF TL431BC I K = 10mA, VKA = VREF TL431BI I K = 10mA, VKA = VREF Voltage Ratio, Ref to Cathode TL431, TL431A I K = 10mA, VKA = 2.5V to 36V (Note 4) TL431B I K = 10mA, VKA = 2.5V to 36V Reference Input Current TL431,TL431A I REF V KA = VREF, TA = 25°C TL431B V KA = VREF, TA = 25°C V KA = VREF, TA = Operating Range Minimum Operating Current I MIN V KA = VREF to 36V Off-State Cathode Current TL431 I OFF V KA = VREF to 36V, TA = 25°C TL431A V KA = VREF to 36V, TA = 25°C TL431B V KA = VREF to 36V, TA = Operating Range V KA = 36V, VREF = 0V, TA = 25°C Dynamic Impedance TL431 | Z KA |VKA = VREF, IK = 1mA to 100mA, f ≤ 1kHz, TA = 25°C TL431B V KA = VREF, IK = 1mA to 100mA, f ≤ 1kHz, TA = 25°C |