Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL431BCLP Arkusz danych(PDF) 2 Page - Microsemi Corporation

Numer części TL431BCLP
Szczegółowy opis  PRECISION PROGRAMMABLE REFERENCES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROSEMI [Microsemi Corporation]
Strona internetowa  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

TL431BCLP Arkusz danych(HTML) 2 Page - Microsemi Corporation

  TL431BCLP Datasheet HTML 1Page - Microsemi Corporation TL431BCLP Datasheet HTML 2Page - Microsemi Corporation TL431BCLP Datasheet HTML 3Page - Microsemi Corporation TL431BCLP Datasheet HTML 4Page - Microsemi Corporation TL431BCLP Datasheet HTML 5Page - Microsemi Corporation TL431BCLP Datasheet HTML 6Page - Microsemi Corporation TL431BCLP Datasheet HTML 7Page - Microsemi Corporation TL431BCLP Datasheet HTML 8Page - Microsemi Corporation TL431BCLP Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
P RECISION P ROGRAMMABLE R EFERENCE S
TL431/TL431A/TL431B
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.3
9/99
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Cathode to Anode Voltage (V
KA) (Note 2) .................................................... -0.3V to 37V
Reference Input Current (I
REF) ................................................................... -50µA to 10mA
Continuous Cathode Current (I
K) ......................................................... -100mA to 150mA
Operating Junction Temperature
Plastic (DM, LP Packages) .................................................................................... 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature ..................................................................................................... 300°C
PACKAGE PIN OUTS
CATHODE
N.C.
ANODE
N.C.
1
8
2
7
3
6
4
5
REF
ANODE
ANODE
N.C.
DM PACKAGE
(Top View)
LP PACKAGE
(Top View)
1. CATHODE
2. ANODE
3. REF
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect
to Ground. Currents are positive into, negative out of the specified terminal. Pin
numbers refer to DIL packages only.
Note 2. Voltage values are with respect to the anode terminal unless otherwise noted.
BLOCK DIAGRAM
Cathode (K)
Anode (A)
V
REF
Ref (R)
DM PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
165°C/W
LP PACKAGE:
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
156°C/W
Junction Temperature Calculation:
T
J = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system.
All of the above assume no ambient airflow
THERMAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12