Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 21 Page - Mitsubishi Electric Semiconductor

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37534RSS Arkusz danych(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M37534RSS Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7534 Group
MITSUBISHI MICROCOMPUTERS
21
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 22 Block diagram of UART serial I/O
Fig. 23 Operation of UART serial I/O function
Serial I/O
qSerial I/O1
• Asynchronous serial I/O (UART) mode
Serial I/O1 can be used as an asynchronous (UART) serial I/O. A
dedicated timer (baud rate generator) is also provided for baud rate
generation when serial I/O1 is in operation.
Eight serial data transfer formats can be selected, and the transfer
formats to be used by a transmitter and a receiver must be identi-
cal.
Each of the transmit and receive shift registers has a buffer register
(the same address on memory). Since the shift register cannot be
written to or read from directly, transmit data is written to the trans-
mit buffer, and receive data is read from the respective buffer regis-
ters. These buffer registers can also hold the next data to be trans-
mitted and receive 2-byte receive data in succession.
By selecting “1” for continuous transmit valid bit (bit 2 of SIO1CON),
continuous transmission of the same data is made possible.
This can be used as a simplified PWM.
OE
PE FE
1/16
XIN
1/4
1/16
Data bus
Receive Buffer Register
Address
(001816)
Receive Shift Register
Receive buffer full flag (RBF)
Receive interrupt request (RI)
ST Detector
SP Detector
UART Control Register
Address (001A16)
Character length selection bit
7-bit
8-bit
Address (001B16)
Clock Control Circuit
Baud Rate Generator
Division ratio 1/(n+1)
Address (001C16)
BRG count source selection bit
Transmit Buffer Register
Data bus
Transmit Shift Register
Address
(001816)
Transmit shift register shift
completion flag (TSC)
Transmit buffer empty flag (TBE)
Transmit interrupt request (TI)
Address (001916)
Character length selection bit
Transmit interrupt source selection bit
Continuous transmit valid bit
Serial I/O1 control register
P10/RXD
P11/TXD
Serial I/O1 status register
ST/SP/PA Generator
TSC=0
TBE=1
RBF=0
TBE=0
TBE=0
RBF=1
RBF=1
ST
D0
D1
SP
D0
D1
ST
SP
TBE=1
TSC=1*
ST
D0
D1
SP
D0
D1
ST
SP
1 : Error flag detection occurs at the same time that the RBF flag becomes “1” (at 1st stop bit, during reception).
2 : The transmit interrupt (TI) can be selected to occur when either the TBE or TSC flag becomes “1”, depending on the setting of the transmit
interrupt source selection bit (TIC) of the serial I/O1 control register.
3 : The receive interrupt (RI) is set when the RBF flag becomes “1”.
4 : After data is written to the transmit buffer when TSC = 1, 0.5 to 1.5 cycles of the data shift cycle is necessary until changing to TSC = 0.
Notes
Transmit/Receive Clock
Transmit Buffer Register
Write Signal
Serial Output TXD
Receive Buffer Register
Read Signal
Serial Input RXD
* Generated at second bit in 2-stop -bit
mode
1 Start Bit
7 or 8 Data Bit
1 or 0 Parity Bit
1 or 2 Stop Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com