Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37534RSS Arkusz danych(PDF) 28 Page - Mitsubishi Electric Semiconductor

Numer części M37534RSS
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37534RSS Arkusz danych(HTML) 28 Page - Mitsubishi Electric Semiconductor

Back Button M37534RSS Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M37534RSS Datasheet HTML 32Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
7534 Group
MITSUBISHI MICROCOMPUTERS
28
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
Fig. 31 Structure of serial I/O1-related registers (5)
UART control register
(UARTCON: address 001B16)
Character length selection bit
0: 8 bits
1: 7 bits
Parity enable bit
0: Parity checking disabled
1: Parity checking enabled
Parity selection bit
0: Even parity
1: Odd parity
Stop bit length selection bit
0: 1 stop bit
1: 2 stop bits
P-channel output disable bit
0: CMOS output
1: N-channel open-drain output
Not used (returns “1” when read)
CPU read: Disabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
b7
b0
b7
b0
Serial I/O1 control register
(SIO1CON: address 001A16)
BRG count source selection bit
0: f(XIN)
1: f(XIN)/4
Not used (returns “1” when read)
Continuous transmit valid bit
0: Continuous transmit invalid
1: Continuous transmit valid
Transmit interrupt source selection bit
0: Interrupt when transmit buffer has
emptied
1: Interrupt when transmit shift
operation is completed
Transmit enable bit
0: Transmit disabled
1: Transmit enabled
Receive enable bit
0: Receive disabled
1: Receive enabled
Serial I/O1 mode selection bits
00: I/O port
01: Not available
10: UART mode
11: USB mode
CPU read: Disabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used
CPU read: Disabled
CPU write: Set/Clear
Hardware read: Used
Hardware write: Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com