Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37516 Arkusz danych(PDF) 2 Page - Mitsubishi Electric Semiconductor

Numer części M37516
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37516 Arkusz danych(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M37516 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
2/54
M37516M6-XXXHP
GNOK-M37516M6-XXXHP-50
(MSETSU 2)
PA
GE
DESCRIPTION
The M37516M6-XXXHP is the 8-bit microcomputer based on the
740 family core technology.
The M37516M6-XXXHP is designed for the household products
and office automation equipment and includes serial I/O functions,
8-bit timer, A-D converter, and I2C-bus interface.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time ................................... 0.5us
(at 8 MHz oscillation frequency)
qMemory size
ROM ............................................................................. 24 Kbytes
RAM .............................................................................. 640 bytes
qProgrammable input/output ports ............................................ 40
qInterrupts ................................................. 17 sources, 16 vectors
qTimers ............................................................................. 8-bit ! 4
qSerial I/O1 .................... 8-bit ! 1(UART or Clock-synchronized)
qSerial I/O2 ................................... 8-bit ! 1(Clock-synchronized)
qMulti-master I2C-bus interface (option) ....................... 1 channel
qPWM ............................................................................... 8-bit ! 1
qA-D converter ............................................... 10-bit ! 8 channels
qWatchdog timer ............................................................ 16-bit ! 1
PIN CONFIGURATION (TOP VIEW)
Fig. 1 M37516M6-XXXHP pin configuration
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 8 MHz oscillation frequency)
In high-speed mode .................................................. 2.7 to 5.5 V
(at 4 MHz oscillation frequency)
In middle-speed mode ............................................... 2.7 to 5.5 V
(at 8 MHz oscillation frequency)
In low-speed mode .................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
qPower dissipation
In high-speed mode .......................................................... 34 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode .............................................................. 60uW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... –20 to 85 C
APPLICATION
Office automation equipment, FA equipment, Household products,
Consumer electronics, etc.
Package type : 48P6D-A / 48P6Q-A (48-pin plastic-molded LQFP)
13
15
16
17
18
19
20
21
22
48
47
46
45
44
43
42
41
40
39
M37516M6-XXXHP
P31/AN1
AVSS
P47
P33/AN3
VCC
P17(LED7)
VSS
P21/XCIN
P14(LED4)
P15(LED5)
XIN
P16(LED6)
XOUT
P20 /XCOUT
P32/AN2
VREF
P30/AN0
P46
P45
14
23
P13(LED3)
24
RESET
P12(LED2)
38
P34/AN4
37
P35/AN5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com