Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M37516 Arkusz danych(PDF) 21 Page - Mitsubishi Electric Semiconductor

Numer części M37516
Szczegółowy opis  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MITSUBISHI [Mitsubishi Electric Semiconductor]
Strona internetowa  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37516 Arkusz danych(HTML) 21 Page - Mitsubishi Electric Semiconductor

Back Button M37516 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37516 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
21/54
M37516M6-XXXHP
GNOK-M37516M6-XXXHP-50
(MSETSU 2)
PA
GE
qSerial I/O2
The serial I/O2 can be operated only as the clock synchronous
type. As a synchronous clock for serial transfer, either internal clock
or external clock can be selected by the serial I/O2 synchronous
clock selection bit (b6) of serial I/O2 control register 1.
The internal clock incorporates a dedicated divider and permits
selecting 6 types of clock by the internal synchronous clock selec-
tion bit (b2, b1, b0) of serial I/O2 control register 1.
Regarding SOUT2 and SCLK2 being output pins, either CMOS output
format or N-channel open-drain output format can be selected by
the P01/SOUT2, P02/SCLK2 P-channel output disable bit (b7) of
serial I/O2 control register 1.
When the internal clock has been selected, a transfer starts by a
write signal to the serial I/O2 register (address 001716). After comple-
tion of data transfer, the level of the SOUT2 pin goes to high imped-
ance automatically but bit 7 of the serial I/O2 control register 2 is
not set to "1" automatically.
When the external clock has been selected, the contents of the
serial I/O2 register is continuously sifted while transfer clocks are
input. Accordingly, control the clock externally. Note that the SOUT2
pin does not go to high impedance after completion of data trans-
fer.
To cause the SOUT2 pin to go to high impedance in the case where
the external clock is selected, set bit 7 of the serial I/O2 control
register 2 to "1" when SCLK2 is "H" after completion of data transfer.
After the next data transfer is started (the transfer clock falls), bit 7
of the serial I/O2 control register 2 is set to "0" and the SOUT2 pin is
put into the active state.
Regardless of the internal clock to external clock, the interrupt re-
quest bit is set after the number of bits (1 to 8 bits) selected by the
optional transfer bit is transferred. In case of a fractional number of
bits less than 8 bits as the last data, the received data to be stored
in the serial I/O2 register becomes a fractional number of bits close
to MSB if the transfer direction selection bit of serial I/O2 control
register 1 is LSB first, or a fractional number of bits close to LSB if
the said bit is MSB first. For the remaining bits, the previously re-
ceived data is shifted.
At transmit operation using the clock synchronous serial I/O, the
SCMP2 signal can be output by comparing the state of the transmit
pin SOUT2 with the state of the receive pin SIN2 in synchronization
with a rise of the transfer clock. If the output level of the SOUT2 pin is
equal to the input level to the SIN2 pin, "L" is output from the SCMP2
pin. If not, "H" is output. At this time, an INT2 interrupt request can
also be generated. Select a valid edge by bit 2 of the interrupt edge
selection register (address 003A16).
[Serial I/O2 Control Registers 1, 2] SIO2CON1 / SIO2CON2
The serial I/O2 control registers 1 and 2 are containing various se-
lection bits for serial I/O2 control as shown in Figure 19.
Fig. 19 Structure of Serial I/O2 control registers 1, 2
Serial I/O2 control register 1
(SIO2CON1 : address 001516)
Serial I/O2 control register 2
(SIO2CON2 : address 001616)
b7
b7
b0
Optional transfer bits
b2 b1 b0
0 0 0: 1 bit
0 0 1: 2 bit
0 1 0: 3 bit
0 1 1: 4 bit
1 0 0: 5 bit
1 0 1: 6 bit
1 1 0: 7 bit
1 1 1: 8 bit
Not used ( returns "0" when read)
Serial I/O2 I/O comparison signal control bit
0: P43 I/O
1: SCMP2 output
SOUT2 pin control bit (P01)
0: Output active
1: Output high-impedance
Internal synchronous clock selection bit
b2 b1 b0
0 0 0: f(XIN)/8 (f(XCIN)/8 in low-speed mode)
0 0 1: f(XIN)/16 (f(XCIN)/16 in low-speed mode)
0 1 0: f(XIN)/32 (f(XCIN)/32 in low-speed mode)
0 1 1: f(XIN)/64 (f(XCIN)/64 in low-speed mode)
1 1 0: f(XIN)/128 f(XCIN)/128 in low-speed mode)
1 1 1: f(XIN)/256 (f(XCIN)/256 in low-speed mode)
Serial I/O2 port selection bit
0: I/O port
1: SOUT2,SCLK2 output pin
SRDY2 output enable bit
0: P03 pin is normal I/O pin
1: P03 pin is SRDY2 output pin
Transfer direction selection bit
0: LSB first
1: MSB first
Serial I/O2 synchronous clock selection bit
0: External clock
1: Internal clock
P01/SOUT2 ,P02/SCLK2 P-channel output disable bit
0: CMOS output (in output mode)
1: N-channel open-drain output (in output mode )
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com