| Zakładka z wyszukiwarką danych komponentów |
|
AS3955 Arkusz danych(PDF) 68 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3955 Arkusz danych(HTML) 68 Page - ams AG |
|
68 / 111 page ![]() Page 68 ams Datasheet Document Feedback [v1-01] 2015-Apr-29 AS3955 − Detailed Description EEPROM Write In order to program an EEPROM block, seven bytes shall be sent (slave address, mode byte, block address byte and 4 bytes of data, all of them MSB first). Actual EEPROM programming is started with rising edge of ACK of the last byte. Figure 75: Writing Register Data with Auto-incrementing Address over I²C EEPROM Read In order to read data from EEPROM, first a slave address and mode byte is sent, followed by the block address byte (MSB first). Then one or more blocks of data with address auto-incrementing (packets of 4 bytes) are transferred via SDA line, also MSB first. SDA is sampled at the SCL falling edge. In case the block on defined address does not exist, all 0 data is sent via SDA line. Figure 76: Reading a EEPROM Block over I²C A 6 A 5 A 4 A 3 A 2 A 1 A 0 10 0 0 0 0 A C K 0 P S Data Slave address W A 6 W A 5 W A 4 W A 3 W A 2 W A 1 0 A C K W A 0 x D 3 D 2 D 1 D 0 A C K D 5 D 4 D 7 D 6 EEPROM page address Mode Byte SCL SDA A C K 0 A 6 A 5 A 4 A 3 A 2 A 1 A 0 01 1 1 1 1 1 A C K 0 S Slave address W A 6 W A 5 W A 4 W A 3 W A 2 W A 1 1 A C K W A 0 x EEPROM page address Mode Byte SCL SDA A C K P Slave address A 2 A 1 A 0 1 A C K A 4 A 3 A 6 A 5 S Data D 3 D 2 D 1 D 0 N A K D 5 D 4 D 7 D 6 |