Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AS3955 Arkusz danych(PDF) 61 Page - ams AG

Numer części AS3955
Szczegółowy opis  NFC Forum Compliant Dynamic Tag
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

AS3955 Arkusz danych(HTML) 61 Page - ams AG

Back Button AS3955 Datasheet HTML 57Page - ams AG AS3955 Datasheet HTML 58Page - ams AG AS3955 Datasheet HTML 59Page - ams AG AS3955 Datasheet HTML 60Page - ams AG AS3955 Datasheet HTML 61Page - ams AG AS3955 Datasheet HTML 62Page - ams AG AS3955 Datasheet HTML 63Page - ams AG AS3955 Datasheet HTML 64Page - ams AG AS3955 Datasheet HTML 65Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 111 page
background image
ams Datasheet
Page 61
[v1-01] 2015-Apr-29
Document Feedback
AS3955 − Detailed Description
Loading Transmission Data into Buffer
Loading the transmitting data into the buffer is similar to
writing data into an addressable registers. Difference is that in
case of loading more bytes all bytes go to the buffer. The
command mode code 100b indicates buffer write operation. A
bit stream of 32 bytes of data can be transferred. The following
figure shows how to load the transmission data into the buffer.
Figure 64:
Loading Data into Buffer over SPI
/SS
SCLK
MOSI
10
0
x
x
x
x
x
1 to 32
bytes
X
SCLK rising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
/SS rising edge
signals end of
COMMAND Mode
10 pattern
indicates
FIFO mode
X
Start of
payload Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More