| Zakładka z wyszukiwarką danych komponentów |
|
AS5601-ASOM Arkusz danych(PDF) 12 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5601-ASOM Arkusz danych(HTML) 12 Page - ams AG |
|
12 / 43 page ![]() Page 12 ams Datasheet Document Feedback [v1-02] 2014-Oct-29 AS5601 − Detailed Description I²C Timing Figure 14: I²C Timing Note(s) and/or Footnote(s): 1. After this time, the first clock is generated. 2. A device must internally provide a minimum hold time of 120 ns (Fast-mode Plus) for the SDA signal (referred to the VIHmin of SCL) to bridge the undefined region of the falling edge of SCL. 3. A Fast-mode device can be used in a standard-mode system, but the requirement tSU;DAT = 250 ns must be met. This is automatic if the device does not stretch the low phase of SCL. If such a device does stretch the low phase of SCL, it must drive the next data bit on SDA (tRmax + tSU;DAT = 1000 + 250 = 1250 ns ) before SCL is released. 4. In Fast-mode Plus, fall time is specified the same for both output stage and bus timing. If series resistors are used, this has to be considered for bus timing. Symbol Parameter Conditions Min Max Units fSCLK SCL clock frequency 1.0 MHz tBUF Bus free time (time between the STOP and START conditions) 0.5 μs tHD;STA Hold time; (Repeated) START condition (1) 0.26 μs tLOW Low phase of SCL clock 0.5 μs tHIGH High phase of SCL clock 0.26 μs tSU;STA Setup time for a Repeated START condition 0.26 μs tHD;DAT Data hold time (2) 0.45 μs tSU;DAT Data setup time (3) 50 ns tR Rise time of SDA and SCL signals 120 ns tF Fall time of SDA and SCL signals 10 120 (4) ns tSU;STO Setup time for STOP condition 0.26 μs |