| Zakładka z wyszukiwarką danych komponentów |
|
AS5601-ASOM Arkusz danych(PDF) 22 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5601-ASOM Arkusz danych(HTML) 22 Page - ams AG |
|
22 / 43 page ![]() Page 22 ams Datasheet Document Feedback [v1-02] 2014-Oct-29 AS5601 − Register Description Burn_Angle Command (ZPOS) The host microcontroller can perform a permanent programming of ZPOS with a BURN_ANGLE command. To perform a BURN_ANGLE command, write the value 0x80 into register 0xFF. The BURN_ANGLE command can be executed up to 3 times. ZMCO shows how many times ZPOS have been permanently written. This command may only be executed if the presence of the magnet is detected (MD = 1). Burn_Setting Command (CONF) The host microcontroller can perform a permanent writing of CONFIG with a BURN_SETTING command. To perform a BURN_SETTING command, write the value 0x40 into register 0xFF. The BURN_ SETTING command can be performed only one time. Zero Position and Resolution Programming A fundamental feature is to program the zero position (ZPOS) of the magnetic position encoder. This is required to adjust the A/B outputs to the mechanical pattern (grid) of a contactless encoder by setting the count transitions (transition of A and or B) between two adjacent mechanical positions. An example of a 3-bit contactless encoder is shown in Figure 22. The electrical positions represent the positions where an A or B transition occurs. The zero position can be placed in correspondence of one of the electrical positions (yellow). A BURN_ANGLE command can be executed up to 3 times to permanently program the zero position. It can only be executed if the presence of the magnet is detected (MD = 1). |