Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSA7887 Arkusz danych(PDF) 2 Page - Silicon Laboratories

Numer części TSA7887
Szczegółowy opis  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSA7887 Arkusz danych(HTML) 2 Page - Silicon Laboratories

  TSA7887 Datasheet HTML 1Page - Silicon Laboratories TSA7887 Datasheet HTML 2Page - Silicon Laboratories TSA7887 Datasheet HTML 3Page - Silicon Laboratories TSA7887 Datasheet HTML 4Page - Silicon Laboratories TSA7887 Datasheet HTML 5Page - Silicon Laboratories TSA7887 Datasheet HTML 6Page - Silicon Laboratories TSA7887 Datasheet HTML 7Page - Silicon Laboratories TSA7887 Datasheet HTML 8Page - Silicon Laboratories TSA7887 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TSA7887
Page 2
TSA7887 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
VDD to AGND ................................................................ −0.3V to +7V
Analog Input Voltage (AIN0, AIN1) to AGND ....
−0.3V to V
DD + 0.3V
Digital Input Voltage to AGND...........................
−0.3V to V
DD + 0.3V
Digital Output Voltage to AGND........................
−0.3V to V
DD + 0.3V
REFIN/REFOUT to AGND ................................
−0.3V to V
DD + 0.3V
Input Current to Any Pin Except Supplies1.............................±10mA
Operating Temperature Range
A, B Versions .....................................................
−40°C to +125°C
Storage Temperature Range .................................
−65°C to +150°C
Junction Temperature ........................................................... +150°C
SOIC/MSOP Package Power Dissipation .............................450mW
θ
JA Thermal Impedance .....................................157°C/W (SOIC)
205.9°C/W (MSOP)
θ
JC Thermal Impedance .......................................56°C/W (SOIC)
43.74°C/W (MSOP)
Lead Temperature, Soldering
Vapor Phase (60 sec)........................................................ 215°C
Infrared (15 sec) ................................................................ 220°C
Pb-Free Temperature, Soldering Reflow.............................260(0)°C
ESD ............................................................................................. 4kV
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART MARKING
CARRIER
QUANTITY
TSA7887ARZ
TS7887A
TUBE
97
TSA7887ARZ-REEL
Tape & Reel
2500
TSA7887BRZ
TS7887B
TUBE
97
TSA7887BRZ-REEL
Tape & Reel
2500
ORDER NUMBER
PART MARKING
CARRIER
QUANTITY
TSA7887ARMZ
TAAV
TUBE
50
TSA7887ARMZ-REEL
Tape & Reel
2500
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com