Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSA7887 Arkusz danych(PDF) 4 Page - Silicon Laboratories

Numer części TSA7887
Szczegółowy opis  A Micropower, 2-channel, 125-ksps, Serial-Output 12-bit SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SILABS [Silicon Laboratories]
Strona internetowa  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSA7887 Arkusz danych(HTML) 4 Page - Silicon Laboratories

  TSA7887 Datasheet HTML 1Page - Silicon Laboratories TSA7887 Datasheet HTML 2Page - Silicon Laboratories TSA7887 Datasheet HTML 3Page - Silicon Laboratories TSA7887 Datasheet HTML 4Page - Silicon Laboratories TSA7887 Datasheet HTML 5Page - Silicon Laboratories TSA7887 Datasheet HTML 6Page - Silicon Laboratories TSA7887 Datasheet HTML 7Page - Silicon Laboratories TSA7887 Datasheet HTML 8Page - Silicon Laboratories TSA7887 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
TSA7887
Page 4
TSA7887 Rev. 1.0
RTFDS
ELECTRICAL SPECIFICATIONS (continued)
VDD = +2.7V to +5.25V; VREF = 2.5V External/internal reference unless otherwise noted; fSCLK = 2 MHz;
TA = TMIN to TMAX, unless otherwise noted.
Parameter
A Version1
B Version1
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD
+2.7/+5.25
+2.7/+5.25
V (min/max)
IDD
Normal Mode4 (PM Mode 2)
Static
700
700
μA (max)
Operational (fSAMPLE = 125 kSPS)
850
850
μA (typ)
Internal reference enabled
700
700
μA (typ)
Internal reference disabled
Using Standby Mode (PM Mode 4)
450
450
μA (typ)
fSAMPLE = 50 ksps
Using Shutdown Mode
(PM Modes 1 and 3)
120
120
μA (typ)
fSAMPLE = 10 ksps
12
12
μA (typ)
fSAMPLE = 1 ksps
Standby Mode5
210
210
μA (max)
VDD = 2.7V to 5.25V
Shutdown Mode5
1
1
μA (max)
VDD = 2.7V to 3.6V
2
2
μA (max)
VDD = 4.75V to 5.25V
Normal Mode Power Dissipation
3.5
3.5
mW (max)
VDD = 5 V
2.1
2.1
mW (max)
VDD = 3 V
Shutdown Power Dissipation
5
5
μW (max)
VDD = 5 V
3
3
μW (max)
VDD = 3 V
Standby Power Dissipation
1.05
1.05
mW (max)
VDD = 5 V
630
630
μW (max)
VDD = 3 V
Note 1: The TSA7887’s temperature range is –40
°C to +125°C for both A and B versions.
Note 2: SNR calculation includes distortion and noise components.
Note 3: Sample tested at TA = 25°C to ensure compliance.
Note 4: All digital inputs at GND except for CS at VDD. All digital outputs are unloaded. Analog inputs are connected to GND.
Note 5: SCLK is at GND when SCLK is off. All digital inputs are at GND except for CS at VDD. All digital outputs are unloaded. Analog inputs
are connected to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com