Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ECE1117 Arkusz danych(PDF) 4 Page - Microchip Technology

Numer części ECE1117
Szczegółowy opis  Multi-Function BC-Link/SMBus Companion Device
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1117 Arkusz danych(HTML) 4 Page - Microchip Technology

  ECE1117 Datasheet HTML 1Page - Microchip Technology ECE1117 Datasheet HTML 2Page - Microchip Technology ECE1117 Datasheet HTML 3Page - Microchip Technology ECE1117 Datasheet HTML 4Page - Microchip Technology ECE1117 Datasheet HTML 5Page - Microchip Technology ECE1117 Datasheet HTML 6Page - Microchip Technology ECE1117 Datasheet HTML 7Page - Microchip Technology ECE1117 Datasheet HTML 8Page - Microchip Technology ECE1117 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
ECE1117
DS00001860D-page 4
 2014 - 2015 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The ECE1117 is a 48-pin 3.3V multi-function companion device. The ECE1117 communicates with the upstream host
via BC-Link or SMBus.
The typical usage model is to locate the ECE1117 in the keyboard assembly. By mounting the ECE1117 onto the key-
board assembly, the keyboard signals as well as the touchpad/point stick PS/2 signals and the backlight PWMs are
routed from the keyboard to the motherboard over a single BC-Link connection. In all other notebook designs without
BC companion device, the keyboard matrix signals, PS/2 and LEDs are routed to the motherboard via a wide ribbon
extension for the keyboard switch circuit.
1.1
Block Diagram
The ECE1117 has a single Power Source VCC and a single digital ground VSS. There are two power domains VCC and
VCC_1.8.
See Section 3.0, " Power, Clocks and Resets," on page 22 for additional details about clocks and power.
FIGURE 1-1:
ECE1117 BLOCK DIAGRAM
SMB_DAT_UP
SMB_CLK_UP
BC_DAT_UP
Internal Address / Data Bus
VCC
RESGEN
Internal VCC PWRGD
LED
GPIO
BC-
LinkTM
Slave
SMBus
Slave
BC-LinkTM / SMBus
Autodetect
Regulator
VR_CAP
TEST
10 Mhz Oscilator
10 MHz
OSC_TRIM
OPT
Trim
Internal
Registers
GPIO[00:01, 03:06,
11:15, 20:23]
PWM[1:4, 7:9]
BC_INT_UP#
SMB_INT_UP#
BC_CLK_UP
Wake/Interrupt logic
10MHz
10MHz
10MHz
10MHz
Clocked by BC_CLK_UP 3MHz max
Clocked by 10Mhz RO
Wakeup logic and all
wakeup event
sources require no
clocks to initiate
wakeup events.
Wake
Key-
board
Matrix
Scan
KSO[00:06, 11:22]
KSI[0:7]
Strap
Options
SMB_ADDR
10MHz
PS2_CLK, TP_CLK
PS/2
PS2_DAT, TP_DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com