Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ECE1117 Arkusz danych(PDF) 6 Page - Microchip Technology

Numer części ECE1117
Szczegółowy opis  Multi-Function BC-Link/SMBus Companion Device
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ECE1117 Arkusz danych(HTML) 6 Page - Microchip Technology

Back Button ECE1117 Datasheet HTML 2Page - Microchip Technology ECE1117 Datasheet HTML 3Page - Microchip Technology ECE1117 Datasheet HTML 4Page - Microchip Technology ECE1117 Datasheet HTML 5Page - Microchip Technology ECE1117 Datasheet HTML 6Page - Microchip Technology ECE1117 Datasheet HTML 7Page - Microchip Technology ECE1117 Datasheet HTML 8Page - Microchip Technology ECE1117 Datasheet HTML 9Page - Microchip Technology ECE1117 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 83 page
background image
ECE1117
DS00001860D-page 6
 2014 - 2015 Microchip Technology Inc.
2.2
Signal Pin Function Description
2.2.1
BC-LINK™ INTERFACE
TABLE 2-2:
BC-LINK™ INTERFACE
2.2.2
SMBUS INTERFACE
TABLE 2-3:
SMBUS INTERFACE
2.2.3
GPIO INTERFACE
TABLE 2-4:
GPIO INTERFACE
BC-Link Interface
(3 Pins)
Pin
Number
Signal Name
Description
Notes
34
BC_DAT_UP
BC-Link Upstream Data
33
BC_CLK_UP
BC-Link Upstream Clock
32
BC_INT_UP#
BC-Link Upstream Interrupt
SMBus Interface
(4 Pins)
Pin
Number
Signal Name
Description
Notes
34
SMB_DAT_UP
SMBus Upstream Data
Note 7
33
SMB_CLK_UP
SMBus Upstream Clock
Note 7
32
SMB_INT_UP#
SMBus Upstream Interrupt
28
SMB_ADDR
SMBus Address selection pin
GPIO Interface
(16 Pins)
Pin
Number
Signal Name
Description
Notes
1
GPIO00
GPIO Interface
2
GPIO01
GPIO Interface
30
GPIO03
GPIO Interface
Note 3
31
GPIO04
GPIO Interface
Note 3
35
GPIO06
GPIO Interface
Note 3
36
GPIO07
GPIO Interface
Note 3
38
GPIO10
GPIO Interface
39
GPIO11
GPIO Interface
40
GPIO12
GPIO Interface
Note 2
41
GPIO13
GPIO Interface
Note 2
42
GPIO14
GPIO Interface
Note 2
43
GPIO15
GPIO Interface
Note 2
44
GPIO20
GPIO Interface
45
GPIO21
GPIO Interface
46
GPIO22
GPIO Interface
47
GPIO23
GPIO Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com