| Zakładka z wyszukiwarką danych komponentów |
|
SP1ML-868 Arkusz danych(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SP1ML-868 Arkusz danych(HTML) 20 Page - STMicroelectronics |
|
20 / 27 page ![]() Module operation SP1ML 20/27 DocID026906 Rev 4 S18 BROADCAST_ADDR Address: The 8-bit broadcast address, used for broadcast filtering on received packets. Values: Any 8-bit hexadecimal value. Default: 0xff S19 FILTER_CRC Address: Filter packets that have an invalid CRC. Values: 0 = Disabled, 1 = Enabled Default: 0 S20 FILTER_SOURCE Address: Filter packets that do not have a source address that matches the address specified in register S16. Values: 0 = Disabled, 1 = Enabled Default: 0 S21 FILTER_DESTINATION Address: Filter packets that do not have a destination address that matches the modules source address specified in register S15. Values: 0 = Disabled, 1 = Enabled Default: 0 S22 FILTER_MULTICAST Address: Filter packets that do not have a destination address that matches the multicast address in specified in register S17. Values: 0 = Disabled, 1 = Enabled Default: 0 S23 FILTER_BROADCAST Address: Filter packets that do not have a destination address that matches the broadcast address in specified in register S18. Values: 0 = Disabled, 1 = Enabled Default: 0 S24 TXRX_LED General: Enable or disable the TX/RX LED output on module pin 1. When enabled, the LED output will be flashed when data is sent or received by the radio. Values: 0 = Disabled, 1 = Active-Low Open Drain Output, 2 = Push Pull Output Default: 0 S26 ESCAPE_SEQ General: Enable or disable the ‘+++’ escape sequence used to enter command mode. This configuration is never stored and will be enabled at module reset. Values: 0 = Disabled, 1 = Enabled Default: 1 Table 10. Configuration registers (continued) # Name Description |