| Zakładka z wyszukiwarką danych komponentów |
|
SPEAR320S Arkusz danych(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPEAR320S Arkusz danych(HTML) 57 Page - STMicroelectronics |
|
57 / 113 page ![]() SPEAr320S Pin description Doc ID 022508 Rev 2 57/113 PWM2 PWM2 output channel O PL_GPIO_34/E8 1, 2, Extended PL_GPIO_13/A1 3, 4, Extended PL_GPIO_7/D3 3, Extended PL_GPIO_87/G13 Extended mode PL_GPIO_58/D12 PL_GPIO_41/C9 PL_GPIO_29/A7 PWM3 PWM3 output channel O PL_GPIO_12/D4 1, 3, 4, Extended PL_GPIO_6/B1 3, Extended PL_GPIO_86/E17 Extended mode PL_GPIO_57/E11 PL_GPIO_40/B9 PL_GPIO_28/A6 Table 24. PWM signals description (continued) Signal name Description Dir. PL_GPIO_# /Ball Configuration mode Table 25. GPT signals description Signal name Description Dir. PL_GPIO_# /Ball Configuration mode TMR_CLK1 This clock toggles each time the timer interrupt goes active. O PL_GPIO_43/E9 Alternate function TMR_CLK2 PL_GPIO_44/A10 Alternate function TMR_CLK3 PL_GPIO_45/B10 Alternate function TMR_CLK4 PL_GPIO_46/A11 Alternate function TMR_CPTR1 Asynchronous signal provided for the measurement of timing signals I PL_GPIO_47/C10 Alternate function TMR_CPTR2 PL_GPIO_48/B11 Alternate function TMR_CPTR3 PL_GPIO_49/C11 Alternate function TMR_CPTR4 PL_GPIO_50/A12 Alternate function Table 26. IrDA signals description Signal name Description Dir. PL_GPIO_# /Ball Configuration mode IrDA_RX IrDA receiver data input I PL_GPIO_1/E3 Alternate function IrDA_TX IrDA transmitter data output O PL_GPIO_0/F3 Alternate function |