Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M24C02-DRMF3TP Arkusz danych(PDF) 16 Page - STMicroelectronics

Numer części M24C02-DRMF3TP
Szczegółowy opis  Automotive 2-Kbit serial I²C bus EEPROM with 1 MHz clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-DRMF3TP Arkusz danych(HTML) 16 Page - STMicroelectronics

Back Button M24C02-DRMF3TP Datasheet HTML 12Page - STMicroelectronics M24C02-DRMF3TP Datasheet HTML 13Page - STMicroelectronics M24C02-DRMF3TP Datasheet HTML 14Page - STMicroelectronics M24C02-DRMF3TP Datasheet HTML 15Page - STMicroelectronics M24C02-DRMF3TP Datasheet HTML 16Page - STMicroelectronics M24C02-DRMF3TP Datasheet HTML 17Page - STMicroelectronics M24C02-DRMF3TP Datasheet HTML 18Page - STMicroelectronics M24C02-DRMF3TP Datasheet HTML 19Page - STMicroelectronics M24C02-DRMF3TP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
Instructions
M24C02-A125
16/39
DocID025755 Rev 4
4.1.1
Byte Write
After the device select code and the address byte, the bus master sends one data byte. If
the addressed location is Write-protected, by Write Control (WC) being driven high, the
device replies with NoAck on the received data byte, and the location is not modified (see
Figure 6). If, instead, the addressed location is not Write-protected, the device replies with
Ack. The bus master terminates the transfer by generating a Stop condition, as shown in
Figure 5.
Figure 5. Write mode sequences with WC = 0 (data write enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39