| Zakładka z wyszukiwarką danych komponentów |
|
L9662 Arkusz danych(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9662 Arkusz danych(HTML) 71 Page - STMicroelectronics |
|
71 / 80 page ![]() DocID028325 Rev 1 71/80 L9662 Functional description 79 Note: With CHxSF2:CHxSF0 = '000', '001, or '101' When transferring data if the CRC check is disabled on the ASIC then there is no parity bit and the CRC bits will be present along with the data bits on the MISO line. The following describes the bit usage for the CCR command Bits [D11]. Used to enable/disable checksum calculations in MS satellite mode (D11 is ignored in PSI5). 0 1 0 odd D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 1 1 odd D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 0 0 1 0 0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 SV2 SV1 SV0 CRC2 CRC1 CRC0 1 0 1 0 D7 D6 D5 D4 D3 D2 D1 D0 SV2 SV1 SV0 CRC2 CRC1 CRC0 0 1 1 0 0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 CRC2 CRC1 CRC0 0 0 1 1 1 0 D7 D6 D5 D4 D3 D2 D1 D0 CRC2 CRC1 CRC0 0 0 0 0 MISO Data Response in MS Mode: Generic Protocol 0 0 0 odd D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 SV2 SV1 SV0 0 0 0 0 1 odd D7 D6 D5 D4 D3 D2 D1 D0 SV2 SV1 SV0 0 0 0 0 0 1 0 odd D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 0 1 1 odd D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 0 0 1 0 0 P D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 SV2 SV1 SV0 0 0 1 0 1 P D7 D6 D5 D4 D3 D2 D1 D0 SV2 SV1 SV0 0 0 0 0 1 1 0 P D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 1 1 1 P D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 0 0 MISO Data Response in PSI5 Mode: Parity Protocol X 0 0 odd D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 X 0 1 odd D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 X 1 0 odd D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 X 1 1 odd D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 0 0 MISO Data Response in Raw Data Mode 0 X X odd 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Data 1 X X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Data MISO Data Response in Hall Effect Mode 0 X X odd 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 X X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Table 40. MISO responses with D14=0 (Data register selection) (continued) MOSI Bit Setting MISO Bit Definition D11 D10 D09 D15 D14 D13 D12 D11 D10 D09 D08 D07 D06 D05 D04 D03 D02 D01 D00 |