Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L9662 Arkusz danych(PDF) 10 Page - STMicroelectronics

Numer części L9662
Szczegółowy opis  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662 Arkusz danych(HTML) 10 Page - STMicroelectronics

Back Button L9662 Datasheet HTML 6Page - STMicroelectronics L9662 Datasheet HTML 7Page - STMicroelectronics L9662 Datasheet HTML 8Page - STMicroelectronics L9662 Datasheet HTML 9Page - STMicroelectronics L9662 Datasheet HTML 10Page - STMicroelectronics L9662 Datasheet HTML 11Page - STMicroelectronics L9662 Datasheet HTML 12Page - STMicroelectronics L9662 Datasheet HTML 13Page - STMicroelectronics L9662 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 80 page
background image
Electrical specifications
L9662
10/80
DocID028325 Rev 1
2
Electrical specifications
2.1
Absolute maximum ratings
The following maximum ratings are continuous absolute ratings; exceeding any one of these
values may cause permanent damage to the integrated circuit.
Table 3. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
- 0.3 to 5.5
V
VSDIAG
Supply voltage for squib diagnostics
- 0.3 to 40
V
VSATS
Satellite supply voltage
- 0.3 to 40
V
VSYNC
Sync supply voltage
- 0.3 to 40
V
VRESx
VRES voltage (VRES0, VRES1, VRES2, VRES3, VRES4,
VRES5, VRES6, VRES7)
- 0.3 to 40
V
SQHx
Squib high side drivers (SQH0, SQH1, SQH2, SQH3, SQH4,
SQH5, SQH6, SQH7)
- 0.6 to 40
V
SQLx
Squib low side drivers (SQL0, SQL1, SQL2, SQL3, SQL4,
SQL5, SQL6, SQL7)
- 0.3 to 40
V
ICHx
Satellite outputs (ICH0, ICH1, ICH2, ICH3)
-1 to 40
V
TEST
Test pin
-0.3 to 40
V
VI
Discrete input voltage (RESETB, DEPEN, CS_D, CS_S,
SCLK, SCLK_S, MOSI, MOSI_S, MISO, MISO_S, FEN1,
FEN2, FEN3, FEN4, INITSYNC, IREF)
- 0.3 to 5.5
V
VO
Discrete output voltage (MISO, MISO_S, AOUT, IF2V2,
IF3V3)
- 0.3 to 5.5
V
AGND
Analog output reference
-0.3 to 5.5
V
GND
Ground (GND, GND0, GND1, GND2, GND3, GND4, GND5,
GND6, GND7)
-0.3 to 5.5
V
Tj
Maximum steady-state junction temperature
150
°C
Tamb
Ambient temperature
-40 to 95
°C
Tstg
Storage temperature
-65 to 150
°C
Rth j amb
Thermal resistance-junction-to-ambient
46
°C/W
The following maximum ratings are up to 48 hours; exceeding any one of these values for longer than a
total time of 48 hours may cause permanent damage to the integrated circuit.
VDD
Supply voltage
- 0.3 to 6.0
V
VI
Discrete input voltage (RESETB, DEPEN, CS_D, CS_S,
SCLK, SCLK_S, MOSI, MOSI_S, MISO, MISO_S, FEN1,
FEN2, FEN3, FEN4, INITSYNC, IREF)
- 0.3 to 6.0
V
VO
Discrete output voltage (MISO, MISO_S, AOUT, IF2V2,
IF3V3)
- 0.3 to 6.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com